document.write("

SC1663 Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "SC1663" Totale : 80 ( 1/4 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
NXP Semiconductors
SC16C2550IB48,528SC16C2550 - Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder QFP 48-Pinunknown

active
SC16C2550IB48,551SC16C2550 - Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder QFP 48-Pinunknown

obsolete
SC16C2550IB48,557SC16C2550 - Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder QFP 48-Pinunknown

active
SC16C550BIB48-S5 V, 3.3 V and 2.5 V UART with 16-byte FIFOscompliant
no
active
SC16C554BIB64-S5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOscompliant
no
active
SC16C554BIB80-T5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOscompliant
no
active
SC16C554BIBM-S5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOscompliant
no
active
SC16C554BIBS-S5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOscompliant
no
active
SC16C554DBIA68-T5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOscompliant
no
active
SC16C554DBIB64-S5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOscompliant
no
active
SC16C554IB80,518SC16C554_554D - Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder QFP 80-Pinunknown

active
SC16C650BIA44-T5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decodercompliant
no
active
SC16C650BIB48-S5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decodercompliant
no
active
SC16C652BIB48-S5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decodercompliant
no
active
SC16C652BIBS-S5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decodercompliant
no
active
SC16C654BIA68-T5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.), with 64-byte FIFOs and infrared (IrDA) encoder/decodercompliant
no
active
SC16C654BIB64-S5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.), with 64-byte FIFOs and infrared (IrDA) encoder/decodercompliant
no
active
SC16C654BIBM-S5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.), with 64-byte FIFOs and infrared (IrDA) encoder/decodercompliant
no
active
SC16C654BIBS,128SC16C654B/654DB - 5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.), with 64-byte FIFOs and infrared (IrDA) encoder/decoder QFN 48-Pinunknown

active
SC16C654BIBS,151SC16C654B/654DB - 5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.), with 64-byte FIFOs and infrared (IrDA) encoder/decoder QFN 48-Pinunknown

active

1 2 3 4

");