document.write("

SC06022-R22M-R8 Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "SC06022-R22M-R8" Totale : 23 ( 1/2 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
ABB
SC001A2B91SC001 Series DC-DC Power Module, Input Voltage: 24 Vdc; Output Voltage: 12.0V; Output Current: 1.2A; Remote On/Off Logic: Negative; Connector Type: Through-Holenot_compliant
no
active
SC001A2B91-SRSC001 Series DC-DC Power Module, Input Voltage: 24 Vdc; Output Voltage: 12.0V; Output Current: 1.2A; Remote On/Off Logic: Negative; Connector Type: SMT (tape & reel)not_compliant
no
active
SC001A2B91-SRZSC001 Series DC-DC Power Module, Input Voltage: 24 Vdc; Output Voltage: 12.0V; Output Current: 1.2A; Remote On/Off Logic: Negative; Connector Type: SMT (tape & reel)compliant
yes
active
SC001A2B91ZSC001 Series DC-DC Power Module, Input Voltage: 24 Vdc; Output Voltage: 12.0V; Output Current: 1.2A; Remote On/Off Logic: Negative; Connector Type: Through-Holecompliant
yes
active
SC003A0ASC003 Series DC-DC Power Module, Input Voltage: 24 Vdc; Output Voltage: 5.0V; Output Current: 3.0A; Remote On/Off Logic: Not Present; Connector Type: Through-Holenot_compliant
no
active
SC003A0A91SC003 Series DC-DC Power Module, Input Voltage: 24 Vdc; Output Voltage: 5.0V; Output Current: 3.0A; Remote On/Off Logic: Negative; Connector Type: Through-Holenot_compliant
no
active
SC003A0A91-SRSC003 Series DC-DC Power Module, Input Voltage: 24 Vdc; Output Voltage: 5.0V; Output Current: 3.0A; Remote On/Off Logic: Negative; Connector Type: SMT (tape & reel)not_compliant
no
active
SC003A0A91ZSC003 Series DC-DC Power Module, Input Voltage: 24 Vdc; Output Voltage: 5.0V; Output Current: 3.0A; Remote On/Off Logic: Negative; Connector Type: Through-Holecompliant
yes
active
SC003A0A94SC003 Series DC-DC Power Module, Input Voltage: 24 Vdc; Output Voltage: 5.0V; Output Current: 3.0A; Remote On/Off Logic: Positive; Connector Type: Through-Holenot_compliant
no
active
SC003A0A94ZSC003 Series DC-DC Power Module, Input Voltage: 24 Vdc; Output Voltage: 5.0V; Output Current: 3.0A; Remote On/Off Logic: Positive; Connector Type: Through-Holecompliant
yes
active
SC003A5FSC003 Series DC-DC Power Module, Input Voltage: 24 Vdc; Output Voltage: 3.3V; Output Current: 3.5A; Remote On/Off Logic: Not Present; Connector Type: Through-Holenot_compliant
no
active
SC003A5F91SC003 Series DC-DC Power Module, Input Voltage: 24 Vdc; Output Voltage: 3.3V; Output Current: 3.5A; Remote On/Off Logic: Negative; Connector Type: Through-Holenot_compliant
no
active
SC003A5F91-SRSC003 Series DC-DC Power Module, Input Voltage: 24 Vdc; Output Voltage: 3.3V; Output Current: 3.5A; Remote On/Off Logic: Negative; Connector Type: SMT (tape & reel)not_compliant
no
active
SC003A5F91-SRZSC003 Series DC-DC Power Module, Input Voltage: 24 Vdc; Output Voltage: 3.3V; Output Current: 3.5A; Remote On/Off Logic: Negative; Connector Type: SMT (tape & reel)compliant
yes
active
SC003A5F91ZSC003 Series DC-DC Power Module, Input Voltage: 24 Vdc; Output Voltage: 3.3V; Output Current: 3.5A; Remote On/Off Logic: Negative; Connector Type: Through-Holecompliant
yes
active
\"logo\"
TE Connectivity
SC0410101KTVGeneral Purpose Inductor, 100uH, 20%, 1 Elementcompliant
unknown
active
SC0712470K1 ELEMENT, 47uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, RADIAL LEADED,ROHS COMPLIANTcompliant
unknown
active
SC0912102K1 ELEMENT, 1000uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, RADIAL LEADED, ROHS COMPLIANTcompliant
yes
active
SC0912220K1 ELEMENT, 22uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, RADIAL LEADED, ROHS COMPLIANTcompliant
yes
active
SC0914102K1 ELEMENT, 1000uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, RADIAL LEADED, ROHS COMPLIANTcompliant
yes
active

1 2

");