document.write("
| SBAL-C6-R-R-D Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "SBAL-C6-R-R-D" Totale : 41 ( 1/3 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() onsemi | SBAS116LT1G | ![]() | 75 V Switching Diode, SOT-23 (TO-236) 3 LEAD, 3000-REEL, Automotive Qualified | yes active | ![]() |
| SBAS16HT1G | ![]() | 100 V Switching Diode, SOD-323 2 LEAD, 3000-REEL, Automotive Qualified | yes active | ![]() | |
| SBAS16HT3G | ![]() | 100 V Switching Diode, SOD-323 2 LEAD, 10000-REEL, Automotive Qualified | yes active | ![]() | |
| SBAS16LT1G | ![]() | 100 V Switching Diode, SOT-23 (TO-236) 3 LEAD, 3000-REEL, Automotive Qualified | yes active | ![]() | |
| SBAS16LT3G | ![]() | 100 V Switching Diode, SOT-23 (TO-236) 3 LEAD, 10000-REEL, Automotive Qualified | yes active | ![]() | |
| SBAS16WT1G | ![]() | 100V, 200mA Switching Diode in SC-70 100V, 200mA Switching Diode SC-70, AECQ, SC-70 (SOT-323) 3 LEAD, 3000-REEL, Automotive Qualified | yes active | ![]() | |
| SBAS16XV2T1G | ![]() | Switching Diode, SOD-523 2 LEAD, 3000-REEL, Automotive Qualified | yes active | ![]() | |
| SBAS16XV2T5G | ![]() | Switching Diode, 8000-REEL, Automotive Qualified | yes active | ![]() | |
| SBAS20HT1G | ![]() | Switching Diode, High Voltage, 200 V, SOD-323 2 LEAD, 3000-REEL, Automotive Qualified | yes active | ![]() | |
| SBAS20LT1G | ![]() | 200 V Switching Diode, SOT-23 (TO-236) 3 LEAD, 3000-REEL, Automotive Qualified | yes active | ![]() | |
| SBAS21DW5T1G | ![]() | 250 V Switching Diode, SC-88A (SC-70-5 / SOT-353), 3000-REEL, Automotive Qualified | yes active | ![]() | |
| SBAS21DW5T3G | ![]() | 250 V Switching Diode, SC-88A (SC-70-5 / SOT-353), 10000-REEL, Automotive Qualified | yes active | ![]() | |
| SBAS21LT1G | ![]() | 250 V Switching Diode, SOT-23 (TO-236) 3 LEAD, 3000-REEL, Automotive Qualified | yes active | ![]() | |
| SBAS21LT3G | ![]() | 250 V Switching Diode, SOT-23 (TO-236) 3 LEAD, 10000-REEL, Automotive Qualified | yes active | ![]() | |
| SBAS40-04LT1G | ![]() | 120 mA, 40 V, Schottky Diode, dual, series, SOT-23 (TO-236) 3 LEAD, 3000-REEL, Automotive Qualified | yes active | ![]() | |
| SBAS40-06LT1G | ![]() | 120 mA, 40 V, Dual Common Anode Schottky Diode, SOT-23 (TO-236) 3 LEAD, 3000-REEL, Automotive Qualified | yes active | ![]() | |
| SBAS40LT1G | ![]() | 120 mA, 40 V, Schottky Diode, SOT-23 (TO-236) 3 LEAD, 3000-REEL, Automotive Qualified | yes active | ![]() | |
| SBAS40LT3G | ![]() | 120 mA, 40 V, Schottky Diode, SOT-23 (TO-236) 3 LEAD, 10000-REEL, Automotive Qualified | yes active | ![]() | |
| SBAS70-04LT1G | ![]() | 70 mA, 70 V, Schottky Diode, Dual, Series, SOT-23 (TO-236) 3 LEAD, 3000-REEL, Automotive Qualified | yes active | ![]() | |
| SBAT54ALT1G | ![]() | 200 mA, 30 V, Schottky Diode, Dual Common Anode, SOT-23 (TO-236) 3 LEAD, 3000-REEL, Automotive Qualified | yes active | ![]() |
1 2 3 |