document.write("
| S28DP Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "S28DP" Totale : 6 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() Digitron Semiconductors | S2800A | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 100; Max TMS Bridge Input Voltage: 6.4; Max DC Reverse Voltage: 2; Capacitance: 20; Package: TO-220AB | unknown unknown active | ![]() |
| S2800B | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 200; Max TMS Bridge Input Voltage: 6.4; Max DC Reverse Voltage: 2; Capacitance: 20; Package: TO-220AB | not_compliant unknown active | ![]() | |
| S2800D | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 400; Max TMS Bridge Input Voltage: 6.4; Max DC Reverse Voltage: 2; Capacitance: 20; Package: TO-220AB | not_compliant unknown active | ![]() | |
| S2800F | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 50; Max TMS Bridge Input Voltage: 6.4; Max DC Reverse Voltage: 2; Capacitance: 20; Package: TO-220AB | unknown unknown active | ![]() | |
| S2800M | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 600; Max TMS Bridge Input Voltage: 6.4; Max DC Reverse Voltage: 2; Capacitance: 20; Package: TO-220AB | unknown unknown active | ![]() | |
| S2800N | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 800; Max TMS Bridge Input Voltage: 6.4; Max DC Reverse Voltage: 2; Capacitance: 20; Package: TO-220AB | unknown unknown active | ![]() |
1 |