document.write("
| RV-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "RV-R" Totale : 350 ( 1/18 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() RECOM Power Inc | RV-0505D (10002641) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-200; Isolation: 6kV; Output: dual; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5 | compliant yes active | |
| RV-0505D/P (10003675) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-200; Isolation: 6kV; Output: dual; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: | compliant yes active | ||
| RV-0505D/P/R6.4 (19900250) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-200; Isolation: 6.4kV; Output: dual; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; | compliant yes active | ||
| RV-0505D/P/R8 (19900299) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-200; Isolation: 8kV; Output: dual; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; L | compliant yes active | ||
| RV-0505D/R6.4 (19900225) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-200; Isolation: 6.4kV; Output: dual; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; | compliant yes active | ||
| RV-0505D/R8 (19900013) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-200; Isolation: 8kV; Output: dual; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Le | compliant yes active | ||
| RV-0505S (10002286) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: 400; Isolation: 6kV; Output: single; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; | compliant yes active | ||
| RV-0505S/P (10004581) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: 400; Isolation: 6kV; Output: single; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5 | compliant yes active | ||
| RV-0505S/P/R6.4 (19900076) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 400; Isolation: 6.4kV; Output: single; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; | compliant yes active | ||
| RV-0505S/P/R8 (19900175) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 400; Isolation: 8kV; Output: single; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Le | compliant yes active | ||
| RV-0505S/R6.4 (19900026) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 400; Isolation: 6.4kV; Output: single; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; L | compliant yes active | ||
| RV-0505S/R8 (19900012) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 400; Isolation: 8kV; Output: single; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Len | compliant yes active | ||
| RV-0509D (10002840) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-111; Isolation: 6kV; Output: dual; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 9 | compliant yes active | ||
| RV-0509D/P (10013598) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-111; Isolation: 6kV; Output: dual; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: | compliant yes active | ||
| RV-0509D/P/R6.4 (19900255) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-111; Isolation: 6.4kV; Output: dual; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; | compliant yes active | ||
| RV-0509D/P/R8 (19900304) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-111; Isolation: 8kV; Output: dual; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; L | compliant yes active | ||
| RV-0509D/R6.4 (19900230) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-111; Isolation: 6.4kV; Output: dual; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 9; | compliant yes active | ||
| RV-0509D/R8 (19900279) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-111; Isolation: 8kV; Output: dual; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 9; Le | compliant yes active | ||
| RV-0509S (10002533) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 9; Out-mA: 222; Isolation: 6kV; Output: single; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 9; | compliant yes active | ||
| RV-0509S/P (10013629) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 9; Out-mA: 222; Isolation: 6kV; Output: single; Power Watts or Amps: 2W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9 | compliant yes active |
1 2 3 4 5 6 7 8 9 10 ..... |