document.write("

RS-5A-R6-R Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "RS-5A-R6-R" Totale : 186 ( 1/10 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
C&K
RS-014R05B1-SMA10 RTSWITCH TACTILE SPST-NO 0.05A 12Vcompliant
yes
active
RS-022R05C1-PASWITCH TACTILE SPST-NO 0.05A 12Vcompliant
yes
active
RS-032G05A3-SM RTSWITCH TACTILE SPST-NO 0.05A 12Vcompliant
yes
active
\"logo\"
RECOM Power Inc
RS-0505D (10002817)Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 05; In V MIN: 4.5; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-200; Isolation: 1kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengcompliant
yes
active
RS-0505D/H2 (10003859)Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 05; In V MIN: 4.5; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-200; Isolation: 2kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengcompliant
yes
active
RS-0505D/H3 (10004426)Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 05; In V MIN: 4.5; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-200; Isolation: 3kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengcompliant
yes
active
RS-0505S (10000714)Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 05; In V MIN: 4.5; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: 400; Isolation: 1kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengtcompliant
yes
active
RS-0505S/H2 (10013193)Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 05; In V MIN: 4.5; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: 400; Isolation: 2kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengtcompliant
yes
active
RS-0505S/H3 (10013192)Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 05; In V MIN: 4.5; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: 400; Isolation: 3kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengtcompliant
yes
active
RS-0509D (10003614)Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 09; In V MIN: 4.5; In V MAX: 9; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-111; Isolation: 1kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengcompliant
yes
active
RS-0509D/H2 (10003744)Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 09; In V MIN: 4.5; In V MAX: 9; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-111; Isolation: 2kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengcompliant
yes
active
RS-0509D/H3 (10013191)Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 09; In V MIN: 4.5; In V MAX: 9; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-111; Isolation: 3kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengcompliant
yes
active
RS-0509S (10000715)Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 09; In V MIN: 4.5; In V MAX: 9; Out V MIN: 9; Out V MAX: 9; Out-mA: 222; Isolation: 1kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengtcompliant
yes
active
RS-0509S/H2 (10013213)Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 09; In V MIN: 4.5; In V MAX: 9; Out V MIN: 9; Out V MAX: 9; Out-mA: 222; Isolation: 2kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengtcompliant
yes
active
RS-0509S/H3 (10005117)Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 09; In V MIN: 4.5; In V MAX: 9; Out V MIN: 9; Out V MAX: 9; Out-mA: 222; Isolation: 3kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengtcompliant
yes
active
RS-0512D (10002859)Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 12; In V MIN: 4.5; In V MAX: 9; Out V MIN: 12; Out V MAX: 12; Out-mA: +/-83; Isolation: 1kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Lecompliant
yes
active
RS-0512D/H2 (10013209)Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 12; In V MIN: 4.5; In V MAX: 9; Out V MIN: 12; Out V MAX: 12; Out-mA: +/-83; Isolation: 2kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Lecompliant
yes
active
RS-0512D/H3 (10004141)Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 12; In V MIN: 4.5; In V MAX: 9; Out V MIN: 12; Out V MAX: 12; Out-mA: +/-83; Isolation: 3kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Lecompliant
yes
active
RS-0512S (10000716)Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 12; In V MIN: 4.5; In V MAX: 9; Out V MIN: 12; Out V MAX: 12; Out-mA: 166; Isolation: 1kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Lecompliant
yes
active
RS-0512S/H2 (10013214)Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 12; In V MIN: 4.5; In V MAX: 9; Out V MIN: 12; Out V MAX: 12; Out-mA: 166; Isolation: 2kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Lecompliant
yes
active

1 2 3 4 5 6 7 8 9 10

");