document.write("
| RS-1E-R0-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "RS-1E-R0-R" Totale : 32 ( 1/2 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() RECOM Power Inc | RS-1205D (10002860) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 05; In V MIN: 9; In V MAX: 18; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-200; Isolation: 1kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 5; Lengt | compliant yes active | |
| RS-1205D/H2 (10013207) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 05; In V MIN: 9; In V MAX: 18; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-200; Isolation: 2kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 5; Lengt | compliant yes active | ||
| RS-1205D/H3 (10005129) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 05; In V MIN: 9; In V MAX: 18; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-200; Isolation: 3kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 5; Lengt | compliant yes active | ||
| RS-1205S (10000718) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 05; In V MIN: 9; In V MAX: 18; Out V MIN: 5; Out V MAX: 5; Out-mA: 400; Isolation: 1kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 5; Length | compliant yes active | ||
| RS-1205S/H2 (10013206) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 05; In V MIN: 9; In V MAX: 18; Out V MIN: 5; Out V MAX: 5; Out-mA: 400; Isolation: 2kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 5; Length | compliant yes active | ||
| RS-1205S/H3 (10004107) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 05; In V MIN: 9; In V MAX: 18; Out V MIN: 5; Out V MAX: 5; Out-mA: 400; Isolation: 3kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 5; Length | compliant yes active | ||
| RS-1209D (10002966) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 09; In V MIN: 9; In V MAX: 18; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-111; Isolation: 1kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 9; Lengt | compliant yes active | ||
| RS-1209D/H2 (10003584) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 09; In V MIN: 9; In V MAX: 18; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-111; Isolation: 2kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 9; Lengt | compliant yes active | ||
| RS-1209D/H3 (10004846) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 09; In V MIN: 9; In V MAX: 18; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-111; Isolation: 3kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 9; Lengt | compliant yes active | ||
| RS-1209S (10000719) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 09; In V MIN: 9; In V MAX: 18; Out V MIN: 9; Out V MAX: 9; Out-mA: 222; Isolation: 1kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 9; Length | compliant yes active | ||
| RS-1209S/H2 (10013205) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 09; In V MIN: 9; In V MAX: 18; Out V MIN: 9; Out V MAX: 9; Out-mA: 222; Isolation: 2kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 9; Length | compliant yes active | ||
| RS-1209S/H3 (10013204) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 09; In V MIN: 9; In V MAX: 18; Out V MIN: 9; Out V MAX: 9; Out-mA: 222; Isolation: 3kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 9; Length | compliant yes active | ||
| RS-1212D (10002861) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 12; In V MIN: 9; In V MAX: 18; Out V MIN: 12; Out V MAX: 12; Out-mA: +/-83; Isolation: 1kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 12; Len | compliant yes active | ||
| RS-1212D/H2 (10005037) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 12; In V MIN: 9; In V MAX: 18; Out V MIN: 12; Out V MAX: 12; Out-mA: +/-83; Isolation: 2kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 12; Len | compliant yes active | ||
| RS-1212D/H3 (10003640) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 12; In V MIN: 9; In V MAX: 18; Out V MIN: 12; Out V MAX: 12; Out-mA: +/-83; Isolation: 3kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 12; Len | compliant yes active | ||
| RS-1212S (10000720) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 12; In V MIN: 9; In V MAX: 18; Out V MIN: 12; Out V MAX: 12; Out-mA: 166; Isolation: 1kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 12; Len | compliant yes active | ||
| RS-1212S/H2 (10004536) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 12; In V MIN: 9; In V MAX: 18; Out V MIN: 12; Out V MAX: 12; Out-mA: 166; Isolation: 2kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 12; Len | compliant yes active | ||
| RS-1212S/H3 (10003867) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 12; In V MIN: 9; In V MAX: 18; Out V MIN: 12; Out V MAX: 12; Out-mA: 166; Isolation: 3kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 12; Len | compliant yes active | ||
| RS-1215D (10002928) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 15; In V MIN: 9; In V MAX: 18; Out V MIN: 15; Out V MAX: 15; Out-mA: +/-67; Isolation: 1kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 15; Len | compliant yes active | ||
| RS-1215D/H2 (10004665) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 15; In V MIN: 9; In V MAX: 18; Out V MIN: 15; Out V MAX: 15; Out-mA: +/-67; Isolation: 2kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 15; Len | compliant yes active |
1 2 |