document.write("
| RPP-DAM-R2/ Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "RPP-DAM-R2/" Totale : 25 ( 1/2 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() RECOM Power Inc | RPP20-2405SW (30900324) | ![]() | Regulated DC/DC Converter; In-V: 9-36; Out-V: 05; In V MIN: 9; In V MAX: 36; Out V MIN: 4.5; Out V MAX: 5.5; Out-mA: 4000; Isolation: 2.25kV; Output: single; Power Watts or Amps: 20W; Package: 1.6\"x1\"; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT- | compliant yes active | |
| RPP20-2412DW (30900328) | ![]() | Regulated DC/DC Converter; In-V: 9-36; Out-V: 12; In V MIN: 9; In V MAX: 36; Out V MIN: 12; Out V MAX: 12; Out-mA: +/-830; Isolation: 2.25kV; Output: dual; Power Watts or Amps: 20W; Package: 1.6\"x1\"; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-V: | compliant yes active | ||
| RPP20-2412SW (30900331) | ![]() | Regulated DC/DC Converter; In-V: 9-36; Out-V: 12; In V MIN: 9; In V MAX: 36; Out V MIN: 10.8; Out V MAX: 13.1999999999999; Out-mA: 1670; Isolation: 2.25kV; Output: single; Power Watts or Amps: 20W; Package: 1.6\"x1\"; Short Circuit Protec: Yes; MC INPUT-V: | compliant yes active | ||
| RPP30-2405SW (30900386) | ![]() | Regulated DC/DC Converter; In-V: 9-36; Out-V: 05; In V MIN: 9; In V MAX: 36; Out V MIN: 4.5; Out V MAX: 5.5; Out-mA: 6000; Isolation: 2.25kV; Output: single; Power Watts or Amps: 30W; Package: 2\"x1.2\"; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT- | compliant yes active | ||
| RPP30-2412DW (30900390) | ![]() | Regulated DC/DC Converter; In-V: 9-36; Out-V: 12; In V MIN: 9; In V MAX: 36; Out V MIN: 12; Out V MAX: 12; Out-mA: +/-1250; Isolation: 2.25kV; Output: dual; Power Watts or Amps: 30W; Package: 2\"x1.2\"; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-V | compliant yes active | ||
| RPP30-2412SW (30900393) | ![]() | Regulated DC/DC Converter; In-V: 9-36; Out-V: 12; In V MIN: 9; In V MAX: 36; Out V MIN: 10.8; Out V MAX: 13.1999999999999; Out-mA: 2500; Isolation: 2.25kV; Output: single; Power Watts or Amps: 30W; Package: 2\"x1.2\"; Short Circuit Protec: Yes; MC INPUT-V: | compliant yes active | ||
| RPP40-2405SW (31001934) | ![]() | Regulated DC/DC Converter; In-V: 9-36; Out-V: 05; In V MIN: 9; In V MAX: 36; Out V MIN: 4.5; Out V MAX: 5.5; Out-mA: 8000; Isolation: 2.25kV; Output: single; Power Watts or Amps: 40W; Package: 2\"x1.2\"; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT- | compliant yes active | ||
| RPP40-2412SW (31001935) | ![]() | Regulated DC/DC Converter; In-V: 9-36; Out-V: 12; In V MIN: 9; In V MAX: 36; Out V MIN: 10.8; Out V MAX: 13.1999999999999; Out-mA: 3300; Isolation: 2.25kV; Output: single; Power Watts or Amps: 40W; Package: 2\"x1.2\"; Short Circuit Protec: Yes; MC INPUT-V: | compliant yes active | ||
| RPP50-2405S (30020007) | ![]() | Regulated DC/DC Converter; In-V: 18-36; Out-V: 05; In V MIN: 18; In V MAX: 36; Out V MIN: 4.5; Out V MAX: 5.5; Out-mA: 10000; Isolation: 2.25kV; Output: single; Power Watts or Amps: 50W; Package: 2\"x1.2\"; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTP | compliant yes active | ||
| RPP50-2412S (30020008) | ![]() | Regulated DC/DC Converter; In-V: 18-36; Out-V: 12; In V MIN: 18; In V MAX: 36; Out V MIN: 10.8; Out V MAX: 13.1999999999999; Out-mA: 4170; Isolation: 2.25kV; Output: single; Power Watts or Amps: 50W; Package: 2\"x1.2\"; Short Circuit Protec: Yes; MC INPUT-V | compliant yes active | ||
![]() TE Connectivity | RPPM-12/3-X-65MM | ![]() | HEAT SHRINK TUBE, DUAL WALL, 12 ID Before Shrink, 4:1 Shrink Ratio | compliant unknown active | |
| RPPM-12/3-X-STK | ![]() | HEAT SHRINK TUBE, DUAL WALL, IRRADIATED MODIFIED POLYOLEFIN, 12 ID Before Shrink, 4:1 Shrink Ratio, CLEAR | compliant unknown active | ||
| RPPM-16/4-X-44MM | ![]() | HEAT SHRINK TUBE, DUAL WALL, POLYOLEFIN, 16 ID Before Shrink, 4:1 Shrink Ratio, CLEAR | compliant unknown active | ||
| RPPM-16/4-X-STK | ![]() | HEAT SHRINK TUBE, DUAL WALL, 16 ID Before Shrink, 4:1 Shrink Ratio | compliant unknown active | ||
| RPPM-4/1-X-35MM | ![]() | HEAT SHRINK TUBE, DUAL WALL, 4 ID Before Shrink, 4:1 Shrink Ratio | compliant unknown active | ||
| RPPM-4/1-X-40MM | ![]() | HEAT SHRINK TUBE, DUAL WALL, 4 ID Before Shrink, 4:1 Shrink Ratio, CLEAR | compliant unknown active | ||
| RPPM-4/1-X-SP | ![]() | HEAT SHRINK TUBE, DUAL WALL, IRRADIATED MODIFIED POLYOLEFIN, 4 ID Before Shrink, 4:1 Shrink Ratio, CLEAR | compliant unknown active | ||
| RPPM-8/2-X-SP | ![]() | HEAT SHRINK TUBE, DUAL WALL, 8 ID Before Shrink, 4:1 Shrink Ratio, CLEAR | compliant unknown active | ||
| RPPM-NR501-X-65MM | ![]() | HEAT SHRINK TUBE, DUAL WALL, 10.5 ID Before Shrink, 6:1 Shrink Ratio | compliant unknown active | ||
| RPPM-NR501-X-SP | ![]() | HEAT SHRINK TUBE, DUAL WALL, 10.5 ID Before Shrink, 6:1 Shrink Ratio | compliant unknown active |
1 2 |