document.write("

RPP-CNN-R2/ Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "RPP-CNN-R2/" Totale : 25 ( 1/2 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
RECOM Power Inc
RPP20-2405SW (30900324)Regulated DC/DC Converter; In-V: 9-36; Out-V: 05; In V MIN: 9; In V MAX: 36; Out V MIN: 4.5; Out V MAX: 5.5; Out-mA: 4000; Isolation: 2.25kV; Output: single; Power Watts or Amps: 20W; Package: 1.6\"x1\"; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-compliant
yes
active
RPP20-2412DW (30900328)Regulated DC/DC Converter; In-V: 9-36; Out-V: 12; In V MIN: 9; In V MAX: 36; Out V MIN: 12; Out V MAX: 12; Out-mA: +/-830; Isolation: 2.25kV; Output: dual; Power Watts or Amps: 20W; Package: 1.6\"x1\"; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-V:compliant
yes
active
RPP20-2412SW (30900331)Regulated DC/DC Converter; In-V: 9-36; Out-V: 12; In V MIN: 9; In V MAX: 36; Out V MIN: 10.8; Out V MAX: 13.1999999999999; Out-mA: 1670; Isolation: 2.25kV; Output: single; Power Watts or Amps: 20W; Package: 1.6\"x1\"; Short Circuit Protec: Yes; MC INPUT-V: compliant
yes
active
RPP30-2405SW (30900386)Regulated DC/DC Converter; In-V: 9-36; Out-V: 05; In V MIN: 9; In V MAX: 36; Out V MIN: 4.5; Out V MAX: 5.5; Out-mA: 6000; Isolation: 2.25kV; Output: single; Power Watts or Amps: 30W; Package: 2\"x1.2\"; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-compliant
yes
active
RPP30-2412DW (30900390)Regulated DC/DC Converter; In-V: 9-36; Out-V: 12; In V MIN: 9; In V MAX: 36; Out V MIN: 12; Out V MAX: 12; Out-mA: +/-1250; Isolation: 2.25kV; Output: dual; Power Watts or Amps: 30W; Package: 2\"x1.2\"; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-Vcompliant
yes
active
RPP30-2412SW (30900393)Regulated DC/DC Converter; In-V: 9-36; Out-V: 12; In V MIN: 9; In V MAX: 36; Out V MIN: 10.8; Out V MAX: 13.1999999999999; Out-mA: 2500; Isolation: 2.25kV; Output: single; Power Watts or Amps: 30W; Package: 2\"x1.2\"; Short Circuit Protec: Yes; MC INPUT-V: compliant
yes
active
RPP40-2405SW (31001934)Regulated DC/DC Converter; In-V: 9-36; Out-V: 05; In V MIN: 9; In V MAX: 36; Out V MIN: 4.5; Out V MAX: 5.5; Out-mA: 8000; Isolation: 2.25kV; Output: single; Power Watts or Amps: 40W; Package: 2\"x1.2\"; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPUT-compliant
yes
active
RPP40-2412SW (31001935)Regulated DC/DC Converter; In-V: 9-36; Out-V: 12; In V MIN: 9; In V MAX: 36; Out V MIN: 10.8; Out V MAX: 13.1999999999999; Out-mA: 3300; Isolation: 2.25kV; Output: single; Power Watts or Amps: 40W; Package: 2\"x1.2\"; Short Circuit Protec: Yes; MC INPUT-V: compliant
yes
active
RPP50-2405S (30020007)Regulated DC/DC Converter; In-V: 18-36; Out-V: 05; In V MIN: 18; In V MAX: 36; Out V MIN: 4.5; Out V MAX: 5.5; Out-mA: 10000; Isolation: 2.25kV; Output: single; Power Watts or Amps: 50W; Package: 2\"x1.2\"; Short Circuit Protec: Yes; MC INPUT-V: 24; MC OUTPcompliant
yes
active
RPP50-2412S (30020008)Regulated DC/DC Converter; In-V: 18-36; Out-V: 12; In V MIN: 18; In V MAX: 36; Out V MIN: 10.8; Out V MAX: 13.1999999999999; Out-mA: 4170; Isolation: 2.25kV; Output: single; Power Watts or Amps: 50W; Package: 2\"x1.2\"; Short Circuit Protec: Yes; MC INPUT-Vcompliant
yes
active
\"logo\"
TE Connectivity
RPPM-12/3-X-65MMHEAT SHRINK TUBE, DUAL WALL, 12 ID Before Shrink, 4:1 Shrink Ratiocompliant
unknown
active
RPPM-12/3-X-STKHEAT SHRINK TUBE, DUAL WALL, IRRADIATED MODIFIED POLYOLEFIN, 12 ID Before Shrink, 4:1 Shrink Ratio, CLEARcompliant
unknown
active
RPPM-16/4-X-44MMHEAT SHRINK TUBE, DUAL WALL, POLYOLEFIN, 16 ID Before Shrink, 4:1 Shrink Ratio, CLEARcompliant
unknown
active
RPPM-16/4-X-STKHEAT SHRINK TUBE, DUAL WALL, 16 ID Before Shrink, 4:1 Shrink Ratiocompliant
unknown
active
RPPM-4/1-X-35MMHEAT SHRINK TUBE, DUAL WALL, 4 ID Before Shrink, 4:1 Shrink Ratiocompliant
unknown
active
RPPM-4/1-X-40MMHEAT SHRINK TUBE, DUAL WALL, 4 ID Before Shrink, 4:1 Shrink Ratio, CLEARcompliant
unknown
active
RPPM-4/1-X-SPHEAT SHRINK TUBE, DUAL WALL, IRRADIATED MODIFIED POLYOLEFIN, 4 ID Before Shrink, 4:1 Shrink Ratio, CLEARcompliant
unknown
active
RPPM-8/2-X-SPHEAT SHRINK TUBE, DUAL WALL, 8 ID Before Shrink, 4:1 Shrink Ratio, CLEARcompliant
unknown
active
RPPM-NR501-X-65MMHEAT SHRINK TUBE, DUAL WALL, 10.5 ID Before Shrink, 6:1 Shrink Ratiocompliant
unknown
active
RPPM-NR501-X-SPHEAT SHRINK TUBE, DUAL WALL, 10.5 ID Before Shrink, 6:1 Shrink Ratiocompliant
unknown
active

1 2

");