document.write("
| ROM-5721CD-RDA2E Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "ROM-5721CD-RDA2E" Totale : 18 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() RECOM Power Inc | ROM-0505S (10000619) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP4 Micro; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; | compliant yes active | |
| ROM-0505S/P (10004170) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP4 Micro; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5 | compliant yes active | ||
| ROM-0512S (10000621) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 12; Out V MAX: 12; Out-mA: 83; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP4 Micro; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 1 | compliant yes active | ||
| ROM-0512S/P (10004337) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 12; Out V MAX: 12; Out-mA: 83; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP4 Micro; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: | compliant yes active | ||
| ROM-0515S (10000622) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 15; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 15; Out V MAX: 15; Out-mA: 66; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP4 Micro; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 1 | compliant yes active | ||
| ROM-0515S/P (10011846) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 15; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 15; Out V MAX: 15; Out-mA: 66; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP4 Micro; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: | compliant yes active | ||
| ROM-1205S (10000629) | ![]() | Unregulated DC/DC Converter; In-V: 12; Out-V: 05; In V MIN: 10.8; In V MAX: 13.1999999999999; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP4 Micro; Short Circuit Protec: No; MC INPUT-V: 12; | compliant yes active | ||
| ROM-1205S/P (10011845) | ![]() | Unregulated DC/DC Converter; In-V: 12; Out-V: 05; In V MIN: 10.8; In V MAX: 13.1999999999999; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP4 Micro; Short Circuit Protec: Yes; MC INPUT-V: 12; | compliant yes active | ||
| ROM-1212S (10000631) | ![]() | Unregulated DC/DC Converter; In-V: 12; Out-V: 12; In V MIN: 10.8; In V MAX: 13.1999999999999; Out V MIN: 12; Out V MAX: 12; Out-mA: 83; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP4 Micro; Short Circuit Protec: No; MC INPUT-V: 12; | compliant yes active | ||
| ROM-1212S/P (10011844) | ![]() | Unregulated DC/DC Converter; In-V: 12; Out-V: 12; In V MIN: 10.8; In V MAX: 13.1999999999999; Out V MIN: 12; Out V MAX: 12; Out-mA: 83; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP4 Micro; Short Circuit Protec: Yes; MC INPUT-V: 12 | compliant yes active | ||
| ROM-1215S (10000632) | ![]() | Unregulated DC/DC Converter; In-V: 12; Out-V: 15; In V MIN: 10.8; In V MAX: 13.1999999999999; Out V MIN: 15; Out V MAX: 15; Out-mA: 66; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP4 Micro; Short Circuit Protec: No; MC INPUT-V: 12; | compliant yes active | ||
| ROM-1215S/P (10011843) | ![]() | Unregulated DC/DC Converter; In-V: 12; Out-V: 15; In V MIN: 10.8; In V MAX: 13.1999999999999; Out V MIN: 15; Out V MAX: 15; Out-mA: 66; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP4 Micro; Short Circuit Protec: Yes; MC INPUT-V: 12 | compliant yes active | ||
| ROM-3.305S (10002501) | ![]() | Unregulated DC/DC Converter; In-V: 3.3; Out-V: 05; In V MIN: 2.97; In V MAX: 3.62999999999999; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP4 Micro; Short Circuit Protec: No; MC INPUT-V: 3.3 | compliant yes active | ||
| ROM-3.305S/P (10005081) | ![]() | Unregulated DC/DC Converter; In-V: 3.3; Out-V: 05; In V MIN: 2.97; In V MAX: 3.62999999999999; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP4 Micro; Short Circuit Protec: Yes; MC INPUT-V: 3. | compliant yes active | ||
| ROM-3.312S (10003053) | ![]() | Unregulated DC/DC Converter; In-V: 3.3; Out-V: 12; In V MIN: 2.97; In V MAX: 3.62999999999999; Out V MIN: 12; Out V MAX: 12; Out-mA: 83; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP4 Micro; Short Circuit Protec: No; MC INPUT-V: 3. | compliant yes active | ||
| ROM-3.312S/P (10016237) | ![]() | Unregulated DC/DC Converter; In-V: 3.3; Out-V: 12; In V MIN: 2.97; In V MAX: 3.62999999999999; Out V MIN: 12; Out V MAX: 12; Out-mA: 83; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP4 Micro; Short Circuit Protec: Yes; MC INPUT-V: 3 | compliant yes active | ||
| ROM-3.315S (10003456) | ![]() | Unregulated DC/DC Converter; In-V: 3.3; Out-V: 15; In V MIN: 2.97; In V MAX: 3.62999999999999; Out V MIN: 15; Out V MAX: 15; Out-mA: 66; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP4 Micro; Short Circuit Protec: No; MC INPUT-V: 3. | compliant yes active | ||
| ROM-3.315S/P (10016238) | ![]() | Unregulated DC/DC Converter; In-V: 3.3; Out-V: 15; In V MIN: 2.97; In V MAX: 3.62999999999999; Out V MIN: 15; Out V MAX: 15; Out-mA: 66; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP4 Micro; Short Circuit Protec: Yes; MC INPUT-V: 3 | compliant yes active |
1 |