document.write("

ROFOX-R Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "ROFOX-R" Totale : 2 ( 1/1 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
RECOM Power Inc
ROF-78E3.3-0.5SMD-R (80000191)Switching Regulator; In-V: 5-36; Out-V: 3.3; In V MIN: 5; In V MAX: 36; Out V MIN: 3.29999999999999; Out V MAX: 3.29999999999999; Out-mA: 500; Output: single; Power Watts or Amps: 0.5A; Package: open Frame; Short Circuit Protec: Yes; MC OUTPUT-V: 3.3; MC compliant
yes
active
ROF-78E5.0-0.5SMD-R (80000192)Switching Regulator; In-V: 9-36; Out-V: 5.0; In V MIN: 9; In V MAX: 36; Out V MIN: 5; Out V MAX: 5; Out-mA: 500; Output: single; Power Watts or Amps: 0.5A; Package: open Frame; Short Circuit Protec: Yes; MC OUTPUT-V: 5; MC OUTPUT-C: 0.5; Length: 12.5 mm; compliant
yes
active

1

");