document.write("
| RN-R- Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "RN-R-" Totale : 217 ( 1/11 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() RECOM Power Inc | RN-0505S (10000559) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 250; Isolation: 1kV; Output: single; Power Watts or Amps: 1.25W; Package: DIP8; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Length | compliant yes active | |
| RN-0505S/H (10001749) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 250; Isolation: 2kV; Output: single; Power Watts or Amps: 1.25W; Package: DIP8; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Length | compliant yes active | ||
| RN-0505S/HP (10004965) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 250; Isolation: 2kV; Output: single; Power Watts or Amps: 1.25W; Package: DIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengt | compliant yes active | ||
| RN-0505S/P (10004524) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 250; Isolation: 1kV; Output: single; Power Watts or Amps: 1.25W; Package: DIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengt | compliant yes active | ||
| RN-0507S (10000560) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 07; In V MIN: 5; In V MAX: 5; Out V MIN: 7; Out V MAX: 7; Out-mA: 180; Isolation: 1kV; Output: single; Power Watts or Amps: 1.25W; Package: DIP8; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 7; Length | compliant yes active | ||
| RN-0507S/H (10001750) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 07; In V MIN: 5; In V MAX: 5; Out V MIN: 7; Out V MAX: 7; Out-mA: 180; Isolation: 2kV; Output: single; Power Watts or Amps: 1.25W; Package: DIP8; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 7; Length | compliant yes active | ||
| RN-0507S/HP (10901546) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 07; In V MIN: 5; In V MAX: 5; Out V MIN: 7; Out V MAX: 7; Out-mA: 180; Isolation: 2kV; Output: single; Power Watts or Amps: 1.25W; Package: DIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 7; Lengt | compliant yes active | ||
| RN-0507S/P (10901547) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 07; In V MIN: 5; In V MAX: 5; Out V MIN: 7; Out V MAX: 7; Out-mA: 180; Isolation: 1kV; Output: single; Power Watts or Amps: 1.25W; Package: DIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 7; Lengt | compliant yes active | ||
| RN-0509S (10000561) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: 140; Isolation: 1kV; Output: single; Power Watts or Amps: 1.25W; Package: DIP8; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 9; Length | compliant yes active | ||
| RN-0509S/H (10001751) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: 140; Isolation: 2kV; Output: single; Power Watts or Amps: 1.25W; Package: DIP8; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 9; Length | compliant yes active | ||
| RN-0509S/HP (10901548) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: 140; Isolation: 2kV; Output: single; Power Watts or Amps: 1.25W; Package: DIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengt | compliant yes active | ||
| RN-0509S/P (10901549) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: 140; Isolation: 1kV; Output: single; Power Watts or Amps: 1.25W; Package: DIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengt | compliant yes active | ||
| RN-0512S (10000562) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 5; In V MAX: 5; Out V MIN: 12; Out V MAX: 12; Out-mA: 104; Isolation: 1kV; Output: single; Power Watts or Amps: 1.25W; Package: DIP8; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 12; Len | compliant yes active | ||
| RN-0512S/H (10001752) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 5; In V MAX: 5; Out V MIN: 12; Out V MAX: 12; Out-mA: 104; Isolation: 2kV; Output: single; Power Watts or Amps: 1.25W; Package: DIP8; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 12; Len | compliant yes active | ||
| RN-0512S/HP (10901550) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 5; In V MAX: 5; Out V MIN: 12; Out V MAX: 12; Out-mA: 104; Isolation: 2kV; Output: single; Power Watts or Amps: 1.25W; Package: DIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Le | compliant yes active | ||
| RN-0512S/P (10004840) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 5; In V MAX: 5; Out V MIN: 12; Out V MAX: 12; Out-mA: 104; Isolation: 1kV; Output: single; Power Watts or Amps: 1.25W; Package: DIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Le | compliant yes active | ||
| RN-0515 | ![]() | ECONOLINE: RN - Custom Solutions Available- 1kVDC & 2kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 85% | compliant yes active | ||
| RN-0515/H | ![]() | ECONOLINE: RN - Custom Solutions Available- 1kVDC & 2kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 85% | compliant yes active | ||
| RN-0515/HP | ![]() | ECONOLINE: RN - Custom Solutions Available- 1kVDC & 2kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 85% | compliant yes active | ||
| RN-0515/P | ![]() | ECONOLINE: RN - Custom Solutions Available- 1kVDC & 2kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 85% | compliant yes active |
1 2 3 4 5 6 7 8 9 10 ..... |