document.write("

RK-R Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "RK-R" Totale : 80 ( 1/4 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
RECOM Power Inc
RK-0505S (10000444)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengtcompliant
yes
active
RK-0505S/H (10001929)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengtcompliant
yes
active
RK-0505S/H6 (10017915)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Lecompliant
yes
active
RK-0505S/HP (10004088)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengcompliant
yes
active
RK-0505S/P (10004017)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengcompliant
yes
active
RK-0509S (10000445)Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 9; Out-mA: 111; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengtcompliant
yes
active
RK-0509S/H (10001930)Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 9; Out-mA: 111; Isolation: 4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengtcompliant
yes
active
RK-0509S/HP (10004366)Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 9; Out-mA: 111; Isolation: 4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengcompliant
yes
active
RK-0509S/P (10004874)Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 9; Out-mA: 111; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengcompliant
yes
active
RK-0512S (10000446)Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 12; Out V MAX: 12; Out-mA: 83; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 12; Lencompliant
yes
active
RK-0512S/H (10001931)Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 12; Out V MAX: 12; Out-mA: 83; Isolation: 4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 12; Lencompliant
yes
active
RK-0512S/H6 (10017919)Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 12; Out V MAX: 12; Out-mA: 84; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; compliant
yes
active
RK-0512S/HP (10011676)Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 12; Out V MAX: 12; Out-mA: 83; Isolation: 4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Lecompliant
yes
active
RK-0512S/P (10011675)Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 12; Out V MAX: 12; Out-mA: 83; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Lecompliant
yes
active
RK-0515S (10000447)Unregulated DC/DC Converter; In-V: 05; Out-V: 15; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 15; Out V MAX: 15; Out-mA: 66; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 15; Lencompliant
yes
active
RK-0515S/H (10001932)Unregulated DC/DC Converter; In-V: 05; Out-V: 15; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 15; Out V MAX: 15; Out-mA: 66; Isolation: 4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 15; Lencompliant
yes
active
RK-0515S/H6 (10017923)Unregulated DC/DC Converter; In-V: 05; Out-V: 15; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 15; Out V MAX: 15; Out-mA: 66; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 15; compliant
yes
active
RK-0515S/HP (10011670)Unregulated DC/DC Converter; In-V: 05; Out-V: 15; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 15; Out V MAX: 15; Out-mA: 66; Isolation: 4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 15; Lecompliant
yes
active
RK-0515S/P (10011667)Unregulated DC/DC Converter; In-V: 05; Out-V: 15; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 15; Out V MAX: 15; Out-mA: 66; Isolation: 3kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 15; Lecompliant
yes
active
RK-053.3S/H6 (10017911)Unregulated DC/DC Converter; In-V: 05; Out-V: 3.3; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 3.29999999999999; Out V MAX: 3.29999999999999; Out-mA: 303; Isolation: 6.4kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MCcompliant
yes
active

1 2 3 4

");