document.write("

RJZ1-R2 Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "RJZ1-R2" Totale : 144 ( 1/8 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
RECOM Power Inc
RJZ-0505S (10003979)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 400; Isolation: 3kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: compliant
yes
active
RJZ-0505S/H (10002301)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 400; Isolation: 4kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: compliant
yes
active
RJZ-0505S/HP (10003931)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 400; Isolation: 4kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Length:compliant
yes
active
RJZ-0505S/P (10003844)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 400; Isolation: 3kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Length:compliant
yes
active
RJZ-0509S (10011635)Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: 222; Isolation: 3kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 9; Length: compliant
yes
active
RJZ-0509S/H (10011634)Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: 222; Isolation: 4kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 9; Length: compliant
yes
active
RJZ-0509S/HP (10011633)Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: 222; Isolation: 4kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Length:compliant
yes
active
RJZ-0509S/P (10011640)Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: 222; Isolation: 3kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Length:compliant
yes
active
RJZ-0512S (10011632)Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 5; In V MAX: 5; Out V MIN: 12; Out V MAX: 12; Out-mA: 166; Isolation: 3kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 12; Lengtcompliant
yes
active
RJZ-0512S/H (10011630)Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 5; In V MAX: 5; Out V MIN: 12; Out V MAX: 12; Out-mA: 166; Isolation: 4kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 12; Lengtcompliant
yes
active
RJZ-0512S/HP (10004030)Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 5; In V MAX: 5; Out V MIN: 12; Out V MAX: 12; Out-mA: 166; Isolation: 4kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Lengcompliant
yes
active
RJZ-0512S/P (10004016)Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 5; In V MAX: 5; Out V MIN: 12; Out V MAX: 12; Out-mA: 166; Isolation: 3kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Lengcompliant
yes
active
RJZ-0515S (10011638)Unregulated DC/DC Converter; In-V: 05; Out-V: 15; In V MIN: 5; In V MAX: 5; Out V MIN: 15; Out V MAX: 15; Out-mA: 133; Isolation: 3kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 15; Lengtcompliant
yes
active
RJZ-0515S/H (10011628)Unregulated DC/DC Converter; In-V: 05; Out-V: 15; In V MIN: 5; In V MAX: 5; Out V MIN: 15; Out V MAX: 15; Out-mA: 133; Isolation: 4kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 15; Lengtcompliant
yes
active
RJZ-0515S/HP (10011627)Unregulated DC/DC Converter; In-V: 05; Out-V: 15; In V MIN: 5; In V MAX: 5; Out V MIN: 15; Out V MAX: 15; Out-mA: 133; Isolation: 4kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 15; Lengcompliant
yes
active
RJZ-0515S/P (10011626)Unregulated DC/DC Converter; In-V: 05; Out-V: 15; In V MIN: 5; In V MAX: 5; Out V MIN: 15; Out V MAX: 15; Out-mA: 133; Isolation: 3kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 15; Lengcompliant
yes
active
RJZ-0524S (10011625)Unregulated DC/DC Converter; In-V: 05; Out-V: 24; In V MIN: 5; In V MAX: 5; Out V MIN: 24; Out V MAX: 24; Out-mA: 83; Isolation: 3kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 24; Lengthcompliant
yes
active
RJZ-0524S/H (10011624)Unregulated DC/DC Converter; In-V: 05; Out-V: 24; In V MIN: 5; In V MAX: 5; Out V MIN: 24; Out V MAX: 24; Out-mA: 83; Isolation: 4kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 24; Lengthcompliant
yes
active
RJZ-0524S/HP (10011623)Unregulated DC/DC Converter; In-V: 05; Out-V: 24; In V MIN: 5; In V MAX: 5; Out V MIN: 24; Out V MAX: 24; Out-mA: 83; Isolation: 4kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 24; Lengtcompliant
yes
active
RJZ-0524S/P (10011622)Unregulated DC/DC Converter; In-V: 05; Out-V: 24; In V MIN: 5; In V MAX: 5; Out V MIN: 24; Out V MAX: 24; Out-mA: 83; Isolation: 3kV; Output: single; Power Watts or Amps: 2W; Package: DIP14; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 24; Lengtcompliant
yes
active

1 2 3 4 5 6 7 8

");