document.write("
| RH-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "RH-R" Totale : 105 ( 1/6 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() RECOM Power Inc | RH-0505D (10000364) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-100; Isolation: 3kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Leng | compliant yes active | |
| RH-0505D/H (10001879) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-100; Isolation: 4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Leng | compliant yes active | ||
| RH-0505D/H6 (10017931) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-100; Isolation: 6.4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; L | compliant yes active | ||
| RH-0505D/HP (10011548) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-100; Isolation: 4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Len | compliant yes active | ||
| RH-0505D/P (10011543) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-100; Isolation: 3kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Len | compliant yes active | ||
| RH-0509D (10000365) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-56; Isolation: 3kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengt | compliant yes active | ||
| RH-0509D/H (10001880) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-56; Isolation: 4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengt | compliant yes active | ||
| RH-0509D/HP (10011546) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-56; Isolation: 4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Leng | compliant yes active | ||
| RH-0509D/P (10011547) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-56; Isolation: 3kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Leng | compliant yes active | ||
| RH-0512D (10000366) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 12; Out V MAX: 12; Out-mA: +/-42; Isolation: 3kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 12; Le | compliant yes active | ||
| RH-0512D/H (10001881) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 12; Out V MAX: 12; Out-mA: +/-42; Isolation: 4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 12; Le | compliant yes active | ||
| RH-0512D/H6 (10017935) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 12; Out V MAX: 12; Out-mA: +/-42; Isolation: 6.4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; | compliant yes active | ||
| RH-0512D/HP (10003947) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 12; Out V MAX: 12; Out-mA: +/-42; Isolation: 4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; L | compliant yes active | ||
| RH-0512D/P (10003941) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 12; Out V MAX: 12; Out-mA: +/-42; Isolation: 3kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; L | compliant yes active | ||
| RH-051509D (10016995) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: ?09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 15; Out-mA: -0.589285714285714; Isolation: 3kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUT | compliant yes active | ||
| RH-051509D/H (10017001) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: ?09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 15; Out-mA: -0.589285714285714; Isolation: 4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUT | compliant yes active | ||
| RH-051509D/HP (10017004) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: ?09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 15; Out-mA: -0.589285714285714; Isolation: 4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OU | compliant yes active | ||
| RH-051509D/P (10016998) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: ?09; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 9; Out V MAX: 15; Out-mA: -0.589285714285714; Isolation: 3kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OU | compliant yes active | ||
| RH-0515D (10000367) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 15; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 15; Out V MAX: 15; Out-mA: +/-33; Isolation: 3kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 15; Le | compliant yes active | ||
| RH-0515D/H (10001882) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 15; In V MIN: 4.5; In V MAX: 5.5; Out V MIN: 15; Out V MAX: 15; Out-mA: +/-33; Isolation: 4kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 15; Le | compliant yes active |
1 2 3 4 5 6 |