document.write("
| RF53L2.. Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "RF53L2.." Totale : 14 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() STMicroelectronics | RF5L051K0CB4 | ![]() | 1 kW, 50 V, HF to 250 MHz RF Power LDMOS transistor | compliant active | |
| RF5L051K4CB4 | ![]() | 1.3 kW, 50 V, HF to 250 MHz RF Power LDMOS transistor | compliant active | ||
| RF5L051K5CB4 | ![]() | 1.5 kW, 50 V, HF to 250 MHz RF Power LDMOS transistor | compliant active | ||
| RF5L052K0CB4 | ![]() | 2 kW, 50 V, HF to 250 MHz RF Power LDMOS transistor | compliant active | ||
| RF5L05500CB4 | ![]() | 550 W, 50 V, HF to 250 MHz RF Power LDMOS transistor | compliant active | ||
| RF5L05750CF2 | ![]() | 750 W, 50 V, HF to 500 MHz RF power LDMOS transistor | compliant active | ||
| RF5L05950CF2 | ![]() | 950 W, 50 V, HF to 500 MHz RF power LDMOS transistor | compliant active | ||
| RF5L08350CB4 | ![]() | 400 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor | compliant active | ||
| RF5L08600CB4 | ![]() | 650 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor | compliant active | ||
| RF5L0912750CB4 | ![]() | 750 W, 50 V, 960 to 1215 MHz RF power LDMOS transistor | compliant active | ||
| RF5L10111K0CB4 | ![]() | 1000 W, 50 V, 1030 to 1090 MHz RF power LDMOS transistor | compliant active | ||
| RF5L1214750CB4 | ![]() | 750 W, 50 V, 1200 to 1400 MHz RF power LDMOS transistor | compliant active | ||
| RF5L15030CB2 | ![]() | 30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor | compliant active | ||
| RF5L15120CB4 | ![]() | 120 W 50 V RF power LDMOS transistor from HF to 1.5 GHz | unknown active |
1 |