document.write("
| R-5WD-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "R-5WD-R" Totale : 41 ( 1/3 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | R-5156 | ![]() | RTD Platinum Sensor | compliant unknown active | |
![]() RECOM Power Inc | R-521.2DA (80099008) | ![]() | Switching Regulator; In-V: 4.5-18; Out-V: 1.0-3.0; In V MIN: 4.5; In V MAX: 18; Out V MIN: 1; Out V MAX: 3; Out-mA: 2000; Output: single; Power Watts or Amps: 2A; Package: SIP12; Short Circuit Protec: Yes; MC OUTPUT-V: 1.2; MC OUTPUT-C: 2; Length: 32.2 mm | compliant yes active | |
| R-521.2PA (80098997) | ![]() | Switching Regulator; In-V: 4.5-18; Out-V: 1.0-3.0; In V MIN: 4.5; In V MAX: 18; Out V MIN: 1; Out V MAX: 3; Out-mA: 2000; Output: single; Power Watts or Amps: 2A; Package: SIP12; Short Circuit Protec: Yes; MC OUTPUT-V: 1.2; MC OUTPUT-C: 2; Length: 32.2 mm | compliant yes active | ||
| R-521.8DA (80099009) | ![]() | Switching Regulator; In-V: 4.5-18; Out-V: 1.1-4.5; In V MIN: 4.5; In V MAX: 18; Out V MIN: 1.1; Out V MAX: 4.5; Out-mA: 2000; Output: single; Power Watts or Amps: 2A; Package: SIP12; Short Circuit Protec: Yes; MC OUTPUT-V: 1.8; MC OUTPUT-C: 2; Length: 32. | compliant yes active | ||
| R-521.8PA (80098998) | ![]() | Switching Regulator; In-V: 4.5-18; Out-V: 1.1-4.5; In V MIN: 4.5; In V MAX: 18; Out V MIN: 1.1; Out V MAX: 4.5; Out-mA: 2000; Output: single; Power Watts or Amps: 2A; Package: SIP12; Short Circuit Protec: Yes; MC OUTPUT-V: 1.8; MC OUTPUT-C: 2; Length: 32. | compliant yes active | ||
| R-522.5DA (80099010) | ![]() | Switching Regulator; In-V: 4.5-18; Out-V: 1.6-5.5; In V MIN: 4.5; In V MAX: 18; Out V MIN: 1.6; Out V MAX: 5.5; Out-mA: 2000; Output: single; Power Watts or Amps: 2A; Package: SIP12; Short Circuit Protec: Yes; MC OUTPUT-V: 2.5; MC OUTPUT-C: 2; Length: 32. | compliant yes active | ||
| R-522.5PA (80098999) | ![]() | Switching Regulator; In-V: 4.5-18; Out-V: 1.6-5.5; In V MIN: 4.5; In V MAX: 18; Out V MIN: 1.6; Out V MAX: 5.5; Out-mA: 2000; Output: single; Power Watts or Amps: 2A; Package: SIP12; Short Circuit Protec: Yes; MC OUTPUT-V: 2.5; MC OUTPUT-C: 2; Length: 32. | compliant yes active | ||
| R-523.3DA (80099011) | ![]() | Switching Regulator; In-V: 4.5-18; Out-V: 1.6-5.5; In V MIN: 4.5; In V MAX: 18; Out V MIN: 1.6; Out V MAX: 5.5; Out-mA: 2000; Output: single; Power Watts or Amps: 2A; Package: SIP12; Short Circuit Protec: Yes; MC OUTPUT-V: 3.3; MC OUTPUT-C: 2; Length: 32. | compliant yes active | ||
| R-523.3PA (80099000) | ![]() | Switching Regulator; In-V: 4.5-18; Out-V: 1.6-5.5; In V MIN: 4.5; In V MAX: 18; Out V MIN: 1.6; Out V MAX: 5.5; Out-mA: 2000; Output: single; Power Watts or Amps: 2A; Package: SIP12; Short Circuit Protec: Yes; MC OUTPUT-V: 3.3; MC OUTPUT-C: 2; Length: 32. | compliant yes active | ||
| R-525.0DA (80099012) | ![]() | Switching Regulator; In-V: 6.5-18; Out-V: 3.0-5.5; In V MIN: 6.5; In V MAX: 18; Out V MIN: 3; Out V MAX: 5.5; Out-mA: 2000; Output: single; Power Watts or Amps: 2A; Package: SIP12; Short Circuit Protec: Yes; MC OUTPUT-V: 5; MC OUTPUT-C: 2; Length: 32.2 mm | compliant yes active | ||
| R-525.0PA (80099001) | ![]() | Switching Regulator; In-V: 6.5-18; Out-V: 3.0-5.5; In V MIN: 6.5; In V MAX: 18; Out V MIN: 3; Out V MAX: 5.5; Out-mA: 2000; Output: single; Power Watts or Amps: 2A; Package: SIP12; Short Circuit Protec: Yes; MC OUTPUT-V: 5; MC OUTPUT-C: 2; Length: 32.2 mm | compliant yes active | ||
| R-531.2DA (80099013) | ![]() | Switching Regulator; In-V: 4.5-18; Out-V: 1.0-3.0; In V MIN: 4.5; In V MAX: 18; Out V MIN: 1; Out V MAX: 3; Out-mA: 3000; Output: single; Power Watts or Amps: 3A; Package: SIP12; Short Circuit Protec: Yes; MC OUTPUT-V: 1.2; MC OUTPUT-C: 3; Length: 32.2 mm | compliant yes active | ||
| R-531.2PA (80099002) | ![]() | Switching Regulator; In-V: 4.5-18; Out-V: 1.0-3.0; In V MIN: 4.5; In V MAX: 18; Out V MIN: 1; Out V MAX: 3; Out-mA: 3000; Output: single; Power Watts or Amps: 3A; Package: SIP12; Short Circuit Protec: Yes; MC OUTPUT-V: 1.2; MC OUTPUT-C: 3; Length: 32.2 mm | compliant yes active | ||
| R-531.8DA (80099014) | ![]() | Switching Regulator; In-V: 4.5-18; Out-V: 1.1-4.5; In V MIN: 4.5; In V MAX: 18; Out V MIN: 1.1; Out V MAX: 4.5; Out-mA: 3000; Output: single; Power Watts or Amps: 3A; Package: SIP12; Short Circuit Protec: Yes; MC OUTPUT-V: 1.8; MC OUTPUT-C: 3; Length: 32. | compliant yes active | ||
| R-531.8PA (80099003) | ![]() | Switching Regulator; In-V: 4.5-18; Out-V: 1.1-4.5; In V MIN: 4.5; In V MAX: 18; Out V MIN: 1.1; Out V MAX: 4.5; Out-mA: 3000; Output: single; Power Watts or Amps: 3A; Package: SIP12; Short Circuit Protec: Yes; MC OUTPUT-V: 1.8; MC OUTPUT-C: 3; Length: 32. | compliant yes active | ||
| R-532.5DA (80099015) | ![]() | Switching Regulator; In-V: 4.5-18; Out-V: 1.6-5.5; In V MIN: 4.5; In V MAX: 18; Out V MIN: 1.6; Out V MAX: 5.5; Out-mA: 3000; Output: single; Power Watts or Amps: 3A; Package: SIP12; Short Circuit Protec: Yes; MC OUTPUT-V: 2.5; MC OUTPUT-C: 3; Length: 32. | compliant yes active | ||
| R-532.5PA (80099004) | ![]() | Switching Regulator; In-V: 4.5-18; Out-V: 1.6-5.5; In V MIN: 4.5; In V MAX: 18; Out V MIN: 1.6; Out V MAX: 5.5; Out-mA: 3000; Output: single; Power Watts or Amps: 3A; Package: SIP12; Short Circuit Protec: Yes; MC OUTPUT-V: 2.5; MC OUTPUT-C: 3; Length: 32. | compliant yes active | ||
| R-533.3DA (80099016) | ![]() | Switching Regulator; In-V: 4.5-18; Out-V: 1.6-5.5; In V MIN: 4.5; In V MAX: 18; Out V MIN: 1.6; Out V MAX: 5.5; Out-mA: 3000; Output: single; Power Watts or Amps: 3A; Package: SIP12; Short Circuit Protec: Yes; MC OUTPUT-V: 3.3; MC OUTPUT-C: 3; Length: 32. | compliant yes active | ||
| R-533.3PA (80098991) | ![]() | Switching Regulator; In-V: 4.5-18; Out-V: 1.6-5.5; In V MIN: 4.5; In V MAX: 18; Out V MIN: 1.6; Out V MAX: 5.5; Out-mA: 3000; Output: single; Power Watts or Amps: 3A; Package: SIP12; Short Circuit Protec: Yes; MC OUTPUT-V: 3.3; MC OUTPUT-C: 3; Length: 32. | compliant yes active | ||
| R-535.0DA (80099017) | ![]() | Switching Regulator; In-V: 6.5-18; Out-V: 3.0-5.5; In V MIN: 6.5; In V MAX: 18; Out V MIN: 3; Out V MAX: 5.5; Out-mA: 3000; Output: single; Power Watts or Amps: 3A; Package: SIP12; Short Circuit Protec: Yes; MC OUTPUT-V: 5; MC OUTPUT-C: 3; Length: 32.2 mm | compliant yes active |
1 2 3 |