document.write("
| PMV-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "PMV-R" Totale : 90 ( 1/5 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() NXP Semiconductors | PMV100ENEAR | ![]() | PMV100ENEA - 30 V, N-channel Trench MOSFET TO-236 3-Pin | transferred | ![]() |
| PMV100XPEAR | ![]() | PMV100XPEA - 20 V, P-channel Trench MOSFET TO-236 3-Pin | transferred | ![]() | |
| PMV117EN T/R | ![]() | micro TrenchMOS(tm) enhanced logic level FET - Configuration: Single N-channel ; ID DC: 2.5 A; Qgd (typ): 1.35 nC; RDS(on): 117@10V 190@4.5V mOhm; VDSmax: 30 V | compliant no active | ![]() | |
| PMV120ENEAR | ![]() | PMV120ENEA - 60 V, N-channel Trench MOSFET TO-236 3-Pin | transferred | ![]() | |
| PMV130ENEAR | ![]() | PMV130ENEA - 40 V, N-channel Trench MOSFET TO-236 3-Pin | compliant transferred | ![]() | |
![]() Nexperia | PMV13XNEAR | ![]() | PMV13XNEA - 20 V, N-channel Trench MOSFET@en-us TO-236 3-Pin | active | ![]() |
| PMV15ENER | ![]() | PMV15ENE - 30 V, N-channel Trench MOSFET@en-us TO-236 3-Pin | active | ![]() | |
![]() NXP Semiconductors | PMV160UP,215 | ![]() | PMV160UP - 20 V, 1.2 A P-channel Trench MOSFET TO-236 3-Pin | compliant transferred | ![]() |
| PMV160UPVL | ![]() | PMV160UP - 20 V, 1.2 A P-channel Trench MOSFET TO-236 3-Pin | transferred | ![]() | |
![]() Nexperia | PMV164ENEAR | ![]() | PMV164ENEA - 60 V, N-channel Trench MOSFET@en-us TO-236 3-Pin | active | ![]() |
| PMV164ENER | ![]() | PMV164ENE - 60 V, N-channel Trench MOSFET@en-us TO-236 3-Pin | active | ![]() | |
![]() NXP Semiconductors | PMV16UN,215 | ![]() | PMV16UN - 20 V, 5.8 A N-channel Trench MOSFET TO-236 3-Pin | compliant transferred | |
![]() Nexperia | PMV16UN,215 | ![]() | PMV16UN - 20 V, 5.8 A N-channel Trench MOSFET@en-us TO-236 3-Pin | compliant obsolete | ![]() |
![]() NXP Semiconductors | PMV16XNR | ![]() | PMV16XN - 20 V, N-channel Trench MOSFET TO-236 3-Pin | transferred | ![]() |
| PMV170UN,215 | ![]() | 20 V, single N-channel Trench MOSFET TO-236 3-Pin | compliant obsolete | ||
![]() Nexperia | PMV170UN,215 | ![]() | 20 V, single N-channel Trench MOSFET@en-us TO-236 3-Pin | obsolete | ![]() |
![]() NXP Semiconductors | PMV185XN,215 | ![]() | PMV185XN - 30 V, single N-channel Trench MOSFET TO-236 3-Pin | compliant obsolete | |
![]() Nexperia | PMV185XN,215 | ![]() | PMV185XN - 30 V, single N-channel Trench MOSFET@en-us TO-236 3-Pin | obsolete | ![]() |
![]() NXP Semiconductors | PMV20ENR | ![]() | PMV20EN - 30 V, N-channel Trench MOSFET TO-236 3-Pin | compliant transferred | ![]() |
| PMV20XN,215 | ![]() | PMV20XN - 30 V, 4.8 A N-channel Trench MOSFET TO-236 3-Pin | compliant transferred |
1 2 3 4 5 |