document.write("

PMS-4W-R Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "PMS-4W-R" Totale : 40 ( 1/2 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
TE Connectivity
PMS9P1B05M6REPushbutton Switchunknown
unknown
active
PMS9P1B09M2QEPush-On Terminalunknown
unknown
active
PMS9P1B09M2REPush-On Terminalcompliant
unknown
active
\"logo\"
NXP Semiconductors
PMSS3904 T/RNPN switching transistor - Complement: PMSS3906 ; fT min: 180 MHz; hFE max: 300 ; hFE min: 100 ; IC max: 100 mA; Polarity: NPN ; Ptot max: 200 mW; toff: 1200 ns; VCEO max: 40 Vcompliant
no
active
PMSS3906 T/RPNP switching transistor - Complement: PMSS3904 ; fT min: 150 MHz; hFE max: 300 ; hFE min: 100 ; IC max: 100 mA; Polarity: PNP ; Ptot max: 200 mW; toff: 700 ns; VCEO max: 40 Vcompliant
no
active
PMST2222 T/RNPN switching transistors - fT min: 250 MHz; hFE max: 300 ; hFE min: 100 ; IC max: 600 mA; Polarity: NPN ; Ptot max: 200 mW; toff: 250 ns; VCEO max: 30 Vcompliant
no
active
PMST2222A T/RNPN switching transistors - Complement: PMST2907A ; fT min: 300 MHz; hFE max: 300 ; hFE min: 100 ; IC max: 600 mA; Polarity: NPN ; Ptot max: 200 mW; toff: 250 ns; VCEO max: 40 Vcompliant
no
active
PMST2369 T/RNPN switching transistor - fT min: 500 MHz; hFE max: 120 ; hFE min: 40 ; IC max: 200 mA; Polarity: NPN ; Ptot max: 200 mW; toff: 30 ns; VCEO max: 15 Vcompliant
no
active
PMST2369/ZLFPMST2369 - NPN switching transistor SC-70 3-Pin

transferred
\"logo\"
Nexperia
PMST2369/ZLFPMST2369 - NPN switching transistor@en-us SC-70 3-Pin

obsolete
\"logo\"
NXP Semiconductors
PMST2369/ZLXPMST2369 - NPN switching transistor SC-70 3-Pin

transferred
\"logo\"
Nexperia
PMST2369/ZLXPMST2369 - NPN switching transistor@en-us SC-70 3-Pin

obsolete
\"logo\"
NXP Semiconductors
PMST2907A T/RPNP switching transistor - Complement: PMST2222A ; fT min: 200 MHz; hFE max:>50 ; hFE min: 50 ; IC max: 200 mA; Polarity: PNP ; Ptot max: 200 mW; toff: 300 ns; VCEO max: 60 Vcompliant
no
active
\"logo\"
Nexperia
PMST2907A-QXPMST2907A-Q - 60 V, 600 mA PNP switching transistor@en-us SC-70 3-Pin

active
\"logo\"
NXP Semiconductors
PMST3904 T/RNPN switching transistor - Complement: PMST3906 ; fT min: 300 MHz; hFE max: 300 ; hFE min: 100 ; IC max: 200 mA; Polarity: NPN ; Ptot max: 200 mW; toff: 240 ns; VCEO max: 40 Vcompliant
no
active
PMST3904/DG,115NPN switching transistor, SOT323 Package, Standard Marking, Reel Pack, SMD, 7"unknown
unknown
transferred
PMST3904/ZLFPMST3904 - NPN switching transistor SC-70 3-Pin

transferred
\"logo\"
Nexperia
PMST3904/ZLFPMST3904 - NPN switching transistor@en-us SC-70 3-Pin

obsolete
\"logo\"
NXP Semiconductors
PMST3904/ZLXPMST3904 - NPN switching transistor SC-70 3-Pin

transferred
\"logo\"
Nexperia
PMST3904/ZLXPMST3904 - NPN switching transistor@en-us SC-70 3-Pin

obsolete

1 2

");