document.write("
| PJ-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "PJ-R" Totale : 28 ( 1/2 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() CUI Inc | PJ-018H-SMT | ![]() | 1.65 mm Center Pin, 5.0 A, Right Angle, Surface Mount (SMT), Dc Power Jack Connector | compliant yes active | ![]() |
| PJ-028-SMT | ![]() | 0.8 mm Center Pin, 2.5 A, Right Angle, Surface Mount (SMT), Shielded, Dc Power Jack Connector | compliant yes active | ![]() | |
| PJ-029-SMT | ![]() | 0.8 mm Center Pin, 2.5 A, Right Angle, Surface Mount (SMT), Shielded, 3 Conductor, Dc Power Jack Connector | compliant yes active | ![]() | |
| PJ-030CH-SMT | ![]() | 1.0 mm Center Pin, 3.5 A, Right Angle, Surface Mount (SMT), Shielded, Dc Power Jack Connector | compliant yes active | ![]() | |
| PJ-030DH-SMT | ![]() | 1.3 mm Center Pin, 3.5 A, Right Angle, Surface Mount (SMT), Shielded, Dc Power Jack Connector | compliant yes active | ![]() | |
| PJ-031H-SMT | ![]() | 0.65 mm Center Pin, 2.5 A, Right Angle, Surface Mount (SMT), Dc Power Jack Connector | compliant yes active | ![]() | |
| PJ-032H-SMT | ![]() | 0.65 mm Center Pin, 2.5 A, Right Angle, Surface Mount (SMT), Shielded, Dc Power Jack Connector | compliant yes active | ![]() | |
| PJ-034-SMT | ![]() | 0.65 mm Center Pin, 1.0 A, Right Angle, Surface Mount (SMT), Dc Power Jack Connector | compliant yes active | ![]() | |
| PJ-034A | ![]() | DC Power Jack, 2.0 mm Center Pin, 2.5 A, Vertical, Through Hole, Dc Power Jack Connector | compliant yes active | ![]() | |
| PJ-034B | ![]() | DC Power Jack, 2.5 mm Center Pin, 2.5 A, Vertical, Through Hole, Dc Power Jack Connector | compliant yes active | ![]() | |
| PJ-035-SMT | ![]() | 1.0 mm Center Pin, 2.0 A, Right Angle, Surface Mount (SMT), Shielded, 3 Conductor, Dc Power Jack Connector | compliant yes active | ![]() | |
| PJ-037AH-SMT | ![]() | 2.0 mm Center Pin, 5.0 A, Right Angle, Surface Mount (SMT), Dc Power Jack Connector | compliant yes active | ![]() | |
| PJ-037BH-SMT | ![]() | 2.5 mm Center Pin, 5.0 A, Right Angle, Surface Mount (SMT), Dc Power Jack Connector | compliant yes active | ![]() | |
| PJ-038-SMT | ![]() | 0.65 mm Center Pin, 1.0 A, Right Angle, Surface Mount (SMT), Shielded, Dc Power Jack Connector | compliant yes active | ![]() | |
| PJ-039-SMT | ![]() | 0.65 mm Center Pin, 1.0 A, Right Angle, Surface Mount (SMT), Shielded, Dc Power Jack Connector | compliant yes active | ![]() | |
| PJ-043-SMT | ![]() | 1.0 mm Center Pin, 2.0 A, Right Angle, Surface Mount (SMT), Shielded, Dc Power Jack Connector | compliant yes active | ![]() | |
| PJ-065A Series | ![]() | DC Power Jack, 2.0 mm Center Pin, 5.0 A, Vertical, Panel Mount, Long Barrel, Dc Power Jack Connector | compliant yes active | ![]() | |
| PJ-066A Series | ![]() | DC Power Jack, 2.0 mm Center Pin, 5.0 A, Right Angle, Panel Mount, Dc Power Jack Connector | compliant yes active | ![]() | |
| PJ-068B-SMT | ![]() | 2.5 mm Center Pin, 5.0 A, Right Angle, Mid Mount SMT, Shielded, Dc Power Jack Connector | compliant yes active | ![]() | |
| PJ-069B-SMT | ![]() | 2.5 mm Center Pin, 5.0 A, Right Angle, Mid Mount SMT, Shielded, Dc Power Jack Connector | compliant yes active | ![]() |
1 2 |