document.write("

PIP3102-R Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "PIP3102-R" Totale : 2 ( 1/1 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
NXP Semiconductors
PIP3202-DC /T3TOPFET dual high side switch - Channel resistance: 2 x 40 mOhms; Configuration: Dual High Side Topfet ; Nominal current: 8 A; Operating voltage: 6~35 VDC; Protection current: 30 A; RDS(on): 40 mOhm; VDSmax: 50 Vcompliant
yes
active
PIP3213-R /T3TOPFET high side switch SMD version - Channel resistance: 1 x 20 mOhms; Configuration: Single High Side Topfet ; Nominal current: 18 A; Operating voltage: 6~35 VDC; Protection current: 65 A; RDS(on): 20 mOhm; VDSmax: 50 Vcompliant
yes
active

1

");