document.write("
| PIC18F25K80ISLASHPDIP Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "PIC18F25K80ISLASHPDIP" Totale : 28 ( 1/2 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() Microchip Technology In... | PIC18F2510-I/SPREL | ![]() | 28 PIN, 32 KB ENH FLASH, 1536 RAM, 25 I/O, -40C to +85C, 28-SPDIP, TUBE | compliant yes active | ![]() |
| PIC18F2515-I/SPREL | ![]() | 28 PIN, 48 KB ENH FLASH, 3804 RAM, 25 I/O, -40C to +85C, 28-PDIP 300mil, TUBE | compliant yes active | ![]() | |
| PIC18F252-I/SOG | ![]() | MCU CMOS 28LD 40MHZ 32K BYTE FLASH, -40C to +85C, 28-SOIC 300mil, TUBE | compliant yes active | ![]() | |
| PIC18F252-I/SPG | ![]() | MCU CMOS 28LD 40MHZ 32K BYTE, -40C to +85C, 28-SPDIP, TUBE | compliant yes active | ![]() | |
| PIC18F2520-I/SPREL | ![]() | 28 pin, 32 KB Enh Flash, 1536 RAM, 25 I/O, -40C to +85C, 28-PDIP 300mil, TUBE | compliant yes active | ![]() | |
| PIC18F2525-E/SO | ![]() | 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PDSO28, 0.300 INCH, PLASTIC, MS-013, SOIC-28 | compliant yes active | ![]() | |
| PIC18F2525-E/SP | ![]() | 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PDIP28, 0.300 INCH, SKINNY, PLASTIC, MO-095, DIP-28 | compliant yes active | ![]() | |
| PIC18F2525-I/SO | ![]() | 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDSO28, 0.300 INCH, PLASTIC, MS-013, SOIC-28 | compliant yes active | ![]() | |
| PIC18F2525-I/SP | ![]() | 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP28, 0.300 INCH, SKINNY, PLASTIC, MO-095, DIP-28 | compliant yes active | ![]() | |
| PIC18F2525-I/SPREL | ![]() | 28 pin, 48 KB Enh Flash, 3804 RAM, 25 I/O, -40C to +85C, 28-PDIP 300mil, TUBE | compliant yes active | ![]() | |
| PIC18F2525T-E/SO | ![]() | 8-BIT, FLASH, 25 MHz, RISC MICROCONTROLLER, PDSO28, 0.300 INCH, PLASTIC, MS-013, SOIC-28 | compliant yes active | ![]() | |
| PIC18F2525T-I/SO | ![]() | 8-BIT, FLASH, 40 MHz, RISC MICROCONTROLLER, PDSO28, 0.300 INCH, PLASTIC, MS-013, SOIC-28 | compliant yes active | ![]() | |
| PIC18F2525T-I/SOC02 | ![]() | RISC Microcontroller, 8-Bit, FLASH, PIC18 CPU, 8MHz, CMOS | compliant unknown active | ||
| PIC18F252T-I/SOG | ![]() | MCU CMOS 28LD 40MHZ 32K BYTE FLASH, -40C to +85C, 28-SOIC 300mil, T/R | compliant yes active | ![]() | |
| PIC18F2550-I/SPREL | ![]() | 28 PIN, 32 KB ENH FLASH, 2048 RAM, FS-USB 2.0, -40C to +85C, 28-PDIP 300mil, TUBE | compliant yes active | ![]() | |
| PIC18F258-I/SOFC5 | ![]() | CAN MCU 28LD WITH A/D, 32 MHZ, -40C to +85C, 28-SOIC 300mil, TUBE | compliant yes active | ![]() | |
| PIC18F258-I/SOG | ![]() | CAN MCU 28LD WITH A/D 40MHZ, -40C to +85C, 28-SOIC 300mil, TUBE | compliant yes active | ![]() | |
| PIC18F258-I/SPFC5 | ![]() | CAN MCU 28LD WITH A/D, 32 MHZ, -40C to +85C, 28-SPDIP, TUBE | compliant yes active | ![]() | |
| PIC18F2580-I/SPREL | ![]() | 28 Pin, 32 KB Enh Flash, 1536 RAM, 25 I/O Pb Free, -40C to +85C, 28-SPDIP, TUBE | compliant yes active | ![]() | |
| PIC18F2585-I/SPREL | ![]() | MCU CMOS 28L 40MHZ 48K Byte Flash with ECAN, -40C to +85C, 28-PDIP 300mil, TUBE | compliant yes active | ![]() |
1 2 |