document.write("
| PHT-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "PHT-R" Totale : 5 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() NXP Semiconductors | PHT11N06LT /T3 | ![]() | TrenchMOS (tm) transistor Logic level FET - Configuration: Single N-channel ; ID DC: 10.7 A; Qgd (typ): 10 nC; RDS(on): 40@5V mOhm; VDSmax: 55 V | compliant no active | |
![]() Nexperia | PHT4NQ10T,135 | ![]() | PHT4NQ10T - N-channel TrenchMOS standard level FET@en-us SC-73 4-Pin | compliant obsolete | ![]() |
![]() NXP Semiconductors | PHT6N06LT /T3 | ![]() | TrenchMOS (tm) transistor Logic level FET - Configuration: Single N-channel ; ID DC: 5.5 A; Qgd (typ): 2.5 nC; RDS(on): 150@5V mOhm; VDSmax: 55 V | compliant no active | ![]() |
| PHT6NQ10T /T3 | ![]() | N-channel TrenchMOS (tm) transistor - Configuration: Single N-channel ; ID DC: 6.5 A; Qgd (typ): 8.2 nC; RDS(on): 90@10V mOhm; VDSmax: 100 V | compliant no active | ![]() | |
| PHT8N06LT /T3 | ![]() | TrenchMOS (tm) transistor Logic level FET - Configuration: Single N-channel ; ID DC: 7.5 A; Qgd (typ): 5 nC; RDS(on): 80@5V mOhm; VDSmax: 55 V | compliant no active | ![]() |
1 |