document.write("
| PBS-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "PBS-R" Totale : 362 ( 1/19 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | PBS8MTRES | ![]() | Pushbutton Switch | unknown unknown active | |
| PBS8MZRES | ![]() | Pushbutton Switch | unknown unknown active | ||
![]() NXP Semiconductors | PBSM5240PFH,115 | ![]() | PBSM5240PFH - 40 V, 2 A PNP low VCEsat (BISS) transistor with N-channel Trench MOSFET DFN 6-Pin | compliant transferred | ![]() |
| PBSS2515E T/R | ![]() | 15 V, 0.5 A NPN low VCEsat (BISS) transistor | compliant no active | ![]() | |
| PBSS2515E/DG,115 | ![]() | PBSS2515E - 15 V, 0.5 A NPN low VCEsat (BISS) transistor SC-75 3-Pin | transferred | ||
![]() Nexperia | PBSS2515E/DG,115 | ![]() | PBSS2515E - 15 V, 0.5 A NPN low VCEsat (BISS) transistor@en-us SC-75 3-Pin | obsolete | ![]() |
![]() NXP Semiconductors | PBSS2515M T/R | ![]() | 15 V, 0.5 A NPN low VCEsat (BISS) transistor | compliant no active | ![]() |
| PBSS2515MB,315 | ![]() | PBSS2515MB - 15 V, 0.5 A NPN low VCEsat (BISS) transistor DFN 3-Pin | compliant transferred | ![]() | |
| PBSS2515VPN T/R | ![]() | 15 V low VCEsat NPN/PNP transistor - IC max: 1000 mA; IC (AV): 500 mA; Polarity: NPN / PNP ; Ptot max: 300 mW; VCEsat at Ic=200 mA, Ib=10 mA: 150 mV; VCEsat at Ic=500 mA, Ib=50 m | compliant no active | ![]() | |
![]() Nexperia | PBSS2515VPN,115 | ![]() | PBSS2515VPN - 15 V low VCEsat NPN/PNP transistor@en-us SOT 6-Pin | compliant obsolete | ![]() |
![]() NXP Semiconductors | PBSS2515VS T/R | ![]() | 15 V low VCEsat NPN double transistor - Complement: PBSS3515VS ; IC max: 1000 mA; IC (AV): 500 mA; Polarity: 2 x NPN ; Ptot max: 300 mW; VCEsat at Ic=200 mA, Ib=10 mA: 150 mV; VCEsat at Ic= | compliant no active | ![]() |
| PBSS2515VS,315 | ![]() | PBSS2515VS - 15 V low VCEsat NPN double transistor SOT 6-Pin | compliant transferred | ![]() | |
| PBSS2515YPN T/R | ![]() | 15 V low VCEsat NPN/PNP transistor - IC max: 1000 mA; IC (AV): 500 mA; Polarity: NPN / PNP ; Ptot max: 430 mW; VCEsat at Ic=200 mA, Ib=10 mA: 150 mV; VCEsat at Ic=500 mA, Ib=50 m | compliant no active | ![]() | |
| PBSS2540E T/R | ![]() | 40 V, 500 mA NPN low VCEsat (BISS) transistor | compliant no active | ![]() | |
| PBSS2540M T/R | ![]() | 40 V, 0.5 A NPN low VCEsat (BISS) transistor | compliant no active | ![]() | |
| PBSS2540MB,315 | ![]() | PBSS2540MB - 40 V, 0.5 A NPN low VCEsat (BISS) transistor DFN 3-Pin | compliant transferred | ![]() | |
![]() Nexperia | PBSS2540MB/S501YL | ![]() | PBSS2540MB - 40 V, 0.5 A NPN low VCEsat (BISS) transistor DFN 3-Pin | active | ![]() |
![]() NXP Semiconductors | PBSS301ND T/R | ![]() | 20 V, 4 A NPN low VCesat (BISS) transistor | compliant no active | ![]() |
| PBSS301PD T/R | ![]() | 20 V, 4 A PNP low VCEsat (BISS) transistor | compliant no active | ![]() | |
| PBSS302ND T/R | ![]() | 40 V, 4 A NPN low VCEsat (BISS) transistor | compliant no active | ![]() |
1 2 3 4 5 6 7 8 9 10 ..... |