document.write("

P80-R Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "P80-R" Totale : 35 ( 1/2 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
NXP Semiconductors
P80C31SBAA,11280C31/80C32 - 80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V-5.5 V), low power, high speed (33 MHz) LCC 44-Pin

active
P80C31SBAA,11880C31/80C32 - 80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V-5.5 V), low power, high speed (33 MHz) LCC 44-Pin

active
P80C31SBAA,51880C31/80C32 - 80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V-5.5 V), low power, high speed (33 MHz) LCC 44-Pin

active
P80C31SFAA,11280C31/80C32 - 80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V-5.5 V), low power, high speed (33 MHz) LCC 44-Pin

active
P80C31SFAA,51880C31/80C32 - 80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V-5.5 V), low power, high speed (33 MHz) LCC 44-Pin

active
P80C32SBAA,11280C31/80C32 - 80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V-5.5 V), low power, high speed (33 MHz) LCC 44-Pin

active
P80C32SBAA,11880C31/80C32 - 80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V-5.5 V), low power, high speed (33 MHz) LCC 44-Pin

active
P80C32SBAA,51880C31/80C32 - 80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V-5.5 V), low power, high speed (33 MHz) LCC 44-Pin

active
P80C32SBAA/G,512P80C32SBAAunknown

obsolete
P80C32UBAA,112P80C32UBAA - 80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V-5.5 V), low power, high speed (33 MHz)unknown
unknown
obsolete
P80C32UBAA/G,512P80C32UBAAunknown

obsolete
P80C32UBAAJP80C32UBAA - 80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V-5.5 V), low power, high speed (33 MHz)unknown
unknown
obsolete
P80C32UFAA,112P80C32UFAA - 80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V-5.5 V), low power, high speed (33 MHz)unknown
unknown
obsolete
P80C32UFAA,118P80C32UFAA - 80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V-5.5 V), low power, high speed (33 MHz)unknown
unknown
obsolete
P80C32UFAA,51880C31/80C32 - 80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V-5.5 V), low power, high speed (33 MHz) LCC 44-Pincompliant

obsolete
P80C32X2BA,529P80C31X2/32X2 - 80C51 8-bit microcontroller family LCC 44-Pin

active
P80C32X2FA,529P80C31X2/32X2 - 80C51 8-bit microcontroller family LCC 44-Pin

active
P80C51FA-4A,118P80C51FA-4A - 80C51 8-bit microcontroller family 8K-64K/256-1K OTP/ROM/ROMless, low voltage 2.7V-5.5V), low power, high speed (33 MHz)unknown
unknown
obsolete
P80C51FA-4A,518P80C51FA-4A - 80C51 8-bit microcontroller family 8K-64K/256-1K OTP/ROM/ROMless, low voltage 2.7V-5.5V), low power, high speed (33 MHz)unknown
unknown
obsolete
P80C51FA-4AU8XC54/58 - 80C51 8-bit microcontroller family LCC 44-Pin

active

1 2

");