document.write("
| P401ACEZ-R0 Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "P401ACEZ-R0" Totale : 47 ( 1/3 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() Freescale Semiconductor | P4040NSE1MMB | ![]() | P4040 Std Enc PbFr 1200/1200 Rev 2 | compliant no transferred | ![]() |
| P4040NSE1NNB | ![]() | 1333MHz, RISC PROCESSOR, PBGA1295, 37.50 X 37.50 MM, 3.53 MM HEIGHT, 1 MM PITCH, LEAD FREE, PLASTIC, FCBGA-1295 | compliant no transferred | ![]() | |
| P4040NSE1PNB | ![]() | P4040 Std Enc PbFr 1500/1300 Rev 2 | compliant no obsolete | ![]() | |
| P4040NSE7MMC | ![]() | QorIQ, 32-Bit Power Arch SoC, 4 X 1.2GHz, DDR2/3 w/ECC, 1/10GbE, PCIe, SRIO, SEC, 0 to 105C, R3.0 | compliant yes transferred | ![]() | |
| P4040NSE7PNAC | ![]() | 1500MHz, RISC PROCESSOR, PBGA1295, 37.50 X 37.50 MM, 3.53 MM HEIGHT, 1 MM PITCH, LEAD FREE, PLASTIC, FCBGA-1295 | compliant yes active | ![]() | |
| P4040NSE7PNC | ![]() | P4040 ST Encrypt 1500/1300 R3 | compliant yes active | ![]() | |
| P4040NSN1MMB | ![]() | P4040 Std NonEnc PbFr 1200/1200 Rev 2 | compliant no transferred | ![]() | |
| P4040NSN1NNB | ![]() | P4040 Std NonEnc PbFr 1333/1333 Rev 2 | compliant no transferred | ![]() | |
| P4040NSN1PNB | ![]() | P4040 Std NonEnc PbFr 1500/1300 Rev 2 | compliant no transferred | ![]() | |
| P4040NSN7MMC | ![]() | QorIQ, 32-Bit Power Arch SoC, 4 X 1.2GHz, DDR2/3 w/ECC, 1/10GbE, PCIe, SRIO, 0 to 105C, R3.0 | compliant yes active | ![]() | |
| P4040NSN7PNAC | ![]() | QorIQ, 32-Bit Power Arch SoC, 4 X 1.5GHz, DDR2/3 w/ECC, 1/10GbE, PCIe, SRIO, 0 to 105C, R3.0 | compliant yes transferred | ![]() | |
| P4040NSN7PNC | ![]() | QorIQ, 32-Bit Power Arch SoC, 4 X 1.5GHz, DDR2/3 w/ECC, 1/10GbE, PCIe, SRIO, 0 to 105C, R3.0 | compliant yes transferred | ![]() | |
| P4040NXE1MMB | ![]() | P4040 Ext Enc PbFr 1200/1200 Rev 2 | compliant no transferred | ![]() | |
| P4040NXE7MMC | ![]() | QorIQ, 32-Bit Power Arch SoC, 4 X 1.2GHz, DDR2/3 w/ECC, 1/10GbE, PCIe, SRIO, SEC, -40 to 105C, R3.0 | compliant yes active | ![]() | |
| P4040NXN1MMB | ![]() | 1200MHz, RISC PROCESSOR, PBGA1295, 37.50 X 37.50 MM, 3.53 MM HEIGHT, 1 MM PITCH, LEAD FREE, PLASTIC, FCBGA-1295 | compliant no obsolete | ![]() | |
| P4040NXN7MMC | ![]() | QorIQ, 32-Bit Power Arch SoC, 4 X 1.2GHz, DDR2/3 w/ECC, 1/10GbE, PCIe, SRIO, -40 to 105C, R3.0 | compliant yes transferred | ![]() | |
| P404BSXE7HLC | ![]() | P4040 XT Encrypt 800/667 R3 | compliant yes active | ![]() | |
![]() LAIRD PLC | P4063 | ![]() | ANT YAGI UHF ECO 406-420MHZ 15\" | compliant yes active | |
![]() NXP Semiconductors | P4080DS-PC | ![]() | BOARD DEV PLATFORM P4080 R3 | compliant yes active | |
| P4080PCIE | ![]() | DEV SYSTEM P4080 PCIE | compliant yes active |
1 2 3 |