document.write("

NB3-R2 Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "NB3-R2" Totale : 91 ( 1/5 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
TE Connectivity
NB30514001HEAT SHRINK TUBE, 1.6 ID Before Shrink, 2:1 Shrink Ratiounknown
unknown
active
NB30794001HEAT SHRINK TUBE, 19.05 ID Before Shrink, 2:1 Shrink Ratiounknown
unknown
active
NB30804001HEAT SHRINK TUBE, 3.18 ID Before Shrink, 2:1 Shrink Ratiounknown
unknown
active
NB30824001HEAT SHRINK TUBE, 1.6 ID Before Shrink, 2:1 Shrink Ratiounknown
unknown
active
NB31134001HEAT SHRINK TUBE, 1.6 ID Before Shrink, 2:1 Shrink Ratiounknown
unknown
active
NB31164001HEAT SHRINK TUBE, 3.18 ID Before Shrink, 2:1 Shrink Ratiounknown
unknown
active
NB31472001HEAT SHRINK TUBE, 25.4 ID Before Shrink, 2:1 Shrink Ratiounknown
unknown
active
NB31512001HEAT SHRINK TUBE, SINGLE WALL, 19.05 ID Before Shrink, 2:1 Shrink Ratiocompliant
unknown
active
NB3273-000HEAT SHRINK TUBE, 7.44 ID Before Shrink, 4:1 Shrink Ratiounknown
unknown
active
NB3275-000HEAT SHRINK TUBE, DUAL WALL, 5.72 ID Before Shrink, 4:1 Shrink Ratiocompliant
unknown
active
NB32776001HEAT SHRINK TUBE, 6 ID Before Shrink, 3:1 Shrink Ratiounknown
unknown
active
\"logo\"
onsemi
NB3F8L3005CMNTBG2:1:5 LVCMOS Fanout Buffer, 3.3V / 2.5V / 1.8V / 1.5V, QFN24 4x4, 0.5P, 1000-REEL
yes
active
NB3F8L3005CMNTXG2:1:5 LVCMOS Fanout Buffer, 3.3V / 2.5V / 1.8V / 1.5V, QFN24 4x4, 0.5P, 3000-REEL
yes
active
NB3F8L3010CMNGClock / Data Fanout Buffer, 3:1:10 Differential, LVCMOS, 3.3 V / 2.5 V / 1.8 V / 1.5 V, QFN32, 5x5, 0.5P, 3.1x3.1EP, 74-TUBE
yes
active
NB3F8L3010CMNR4GClock / Data Fanout Buffer, 3:1:10 Differential, LVCMOS, 3.3 V / 2.5 V / 1.8 V / 1.5 V, QFN32, 5x5, 0.5P, 3.1x3.1EP, 1000-REEL
yes
active
NB3F8L3010CMNTWGClock / Data Fanout Buffer, 3:1:10 Differential, LVCMOS, 3.3 V / 2.5 V / 1.8 V / 1.5 V, 1000-REEL
yes
active
NB3H5150-01MNTXGClock Generator, Multi-Rate, Low Noise 2.5V / 3.3V, 1000-REEL
yes
active
NB3H5150MNGEVBEVAL BOARD NB3H5150MNGcompliant
yes
active
NB3H5150MNTXGClock Generator, Multi-Rate, Low Noise 2.5V / 3.3V, 1000-REEL
yes
active
NB3H60113GH2MTR2G3.3 V OmniClock Generator with Single Ended LVCMOS Output, 3000-REEL
yes
active

1 2 3 4 5

");