document.write("
| MS2-GC-R/ Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "MS2-GC-R/" Totale : 83 ( 1/5 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | MS20659-106 | ![]() | Ring Terminal | compliant unknown active | |
| MS20659-108 | ![]() | Ring Terminal | compliant unknown active | ||
| MS20659-109 | ![]() | Ring Terminal | compliant unknown active | ||
| MS20659-112 | ![]() | Ring Terminal | compliant unknown active | ||
| MS20659-122 | ![]() | Ring Terminal | compliant unknown active | ||
| MS20659-128 | ![]() | Ring Terminal | compliant unknown active | ||
| MS20659-130 | ![]() | 15mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL, ROHS COMPLIANT | compliant unknown active | ||
| MS20659-131 | ![]() | Ring Terminal | compliant unknown active | ||
| MS20659-140 | ![]() | Ring Terminal, 10.5mm2 | compliant unknown active | ||
| MS20659-141 | ![]() | Ring Terminal | compliant unknown active | ||
| MS20659-145 | ![]() | Ring Terminal | compliant unknown active | ||
| MS20659-156 | ![]() | Ring Terminal | compliant unknown active | ||
| MS20659-158 | ![]() | Ring Terminal | compliant unknown active | ||
| MS20659-160 | ![]() | Ring Terminal | compliant unknown active | ||
| MS20659-166 | ![]() | Ring Terminal, 6.64mm2 | compliant unknown active | ||
| MS25036-102 | ![]() | 1.65mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL | compliant yes active | ||
| MS25036-107 | ![]() | 2mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL, ROHS COMPLIANT | compliant yes active | ||
| MS25036-111 | ![]() | 6mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL, ROHS COMPLIANT | compliant yes active | ||
| MS25036-121 | ![]() | Ring Terminal, 16.8mm2 | unknown unknown active | ||
| MS25036-122 | ![]() | Ring Terminal, 16.8mm2 | unknown unknown active |
1 2 3 4 5 |