document.write("
| MAS6501 Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "MAS6501" Totale : 10 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() STMicroelectronics | MASTERGAN1 | ![]() | High power density 600V half-bridge driver with two enhancement mode GaN HEMTs | compliant active | |
| MASTERGAN1TR | ![]() | High power density 600V half-bridge driver with two enhancement mode GaN HEMTs | compliant active | ||
| MASTERGAN2 | ![]() | High power density 600V Half bridge driver with two enhancement mode GaN HEMTs | compliant active | ||
| MASTERGAN2TR | ![]() | High power density 600V Half bridge driver with two enhancement mode GaN HEMTs | compliant active | ||
| MASTERGAN3 | ![]() | High power density 600 V Half bridge driver with two enhancement mode GaN HEMTs | compliant active | ||
| MASTERGAN3TR | ![]() | High power density 600 V Half bridge driver with two enhancement mode GaN HEMTs | compliant active | ||
| MASTERGAN4 | ![]() | High power density 600V half-bridge driver with two enhancement mode GaN HEMTs | compliant active | ||
| MASTERGAN4TR | ![]() | High power density 600V half-bridge driver with two enhancement mode GaN HEMTs | compliant active | ||
| MASTERGAN5 | ![]() | High power density 600 V half-bridge driver with two enhancement mode GaN power HEMTs | compliant active | ||
| MASTERGAN5TR | ![]() | High power density 600 V half-bridge driver with two enhancement mode GaN power HEMTs | compliant active |
1 |