document.write("

KMSR-R Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "KMSR-R" Totale : 20 ( 1/1 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
STMicroelectronics
KMS-MWSTM32 Middleware enabling Key Management Servicescontact_manufacturer

active
\"logo\"
C&K
KMS221G LFSTACTILE SWITCH, SMD, 2N; Switch function type:Momentary; Voltage, contact DC max:32V; Temp, op. max:85(degree C); Temp, op. min:-40(degree C); Length / Height, external:1.42mm; Width, external:4.6mm; Depth, external:3.5mm; RoHS Compliant: Yesunknown
unknown
active
KMS231G LFSMICROSWITCH, MINIATURE; Force, operating:3N; Temp, op. max:85(degree C); Temp, op. min:-40(degree C); Length / Height, external:1.42mm; Width, external:4.6mm; Depth, external:3.5mm; Actuator type:Plunger; Configuration, contact:SPNO; RoHS Compliant: Yesunknown
unknown
active
KMS233GSWITCH: TACT, SPST, GULL WING, SMT unknown
unknown
active
\"logo\"
Freescale Semiconductor
KMSC7116VM10007116 SAMPLE PB FREEcompliant
yes
active
KMSC7118VF12007118 SAMPLE LEADEDnot_compliant
no
active
KMSC7118VM12007118 SAMPLE PB FREEcompliant
yes
active
KMSC7119VF12007119 SAMPLE LEADEDnot_compliant
no
active
KMSC7119VM12007119 SAMPLE PB FREEcompliant
yes
active
KMSC8122MP8000PBGA,PB,1.2V,500MHZ,SAMPexempt
no
active
KMSC8122TMP4800VPBGA,PB,1.1,105,300,SAMPexempt
no
active
KMSC8122TMP6400MSC8122TMP6400exempt
no
active
KMSC8122TMP6400VPBGA,PB,1.1,105,400,SAMPexempt
no
active
KMSC8122TVT4800VPBGA,1.1V,105C,300,SAMPexempt
no
active
KMSC8122TVT6400PBGA,NOPB,105C,400,SAMPexempt
no
active
KMSC8122TVT6400VPBGA,1.1V,105C,400,SAMPexempt
no
active
KMSC8122VT8000PBGA,1.2V,500MHZ,SAMPexempt
no
active
KMSC8126TMP6400PBGA,PB,1.2V,400MHZ,SAMPexempt
no
active
KMSC8126TVT6400PBGA,NOPB,105C,400,SAMPexempt
no
active
KMSC8126VT8000PBGA,NOPB,500MHZ,SAMPexempt
no
active

1

");