document.write("
| HC30-R8 Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "HC30-R8" Totale : 5 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | HC3-26B | ![]() | POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.017A (COIL), 26.5VDC (COIL), 439mW (COIL), 1A (CONTACT), THROUGH HOLE-STRAIGHT MOUNT | not_compliant no active | ![]() |
| HC3-26C | ![]() | Power/Signal Relay | not_compliant unknown active | ||
| HC3-5B | ![]() | POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.078A (COIL), 5VDC (COIL), 391mW (COIL), 1A (CONTACT), THROUGH HOLE-STRAIGHT MOUNT | not_compliant no active | ![]() | |
![]() IQD Frequency Products | HC35 | ![]() | XTAL(Q), Frequency Range: 6 ~ 210 MHz; Supply Voltage: 0 V; Package: 10.4mm Ø; Freq Tolerance: 5; Freq Stability: 10 ppm; Temp Range: -55 to 125C | unknown unknown unknown | ![]() |
| HC37CW Oven | ![]() | Quartz Crystal, 15.4mm Ø | unknown unknown unknown | ![]() |
1 |