document.write("
| F412R-05 Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "F412R-05" Totale : 10 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | F414003001 | ![]() | Wire And Cable, 19AWG, 600V, Power Cable | compliant unknown active | |
| F41443-000 | ![]() | MICROCOUPLER 3 STUB SHIELD CABLE | compliant no active | ![]() | |
| F41449-000 | ![]() | CONN BACKSHELL ADPT SZ 11B M15 | unknown yes active | ![]() | |
| F41454-000 | ![]() | HEATSHRINK 1/2\"X6\" 10 PCS | compliant yes obsolete | ![]() | |
| F41488-000 | ![]() | Connector Accessory, 0.25in Min Cable Dia, 0.4in Max Cable Dia, Aluminum Alloy | not_compliant unknown active | ||
| F41865-000 | ![]() | CONN BACKSHELL ADPT SZ 16-19 | compliant yes active | ![]() | |
| F41923-000 | ![]() | CONN BACKSHELL ADPT SZ16-19 OLIV | unknown no active | ![]() | |
| F41960-000 | ![]() | HEAT SHRINK TUBING 1=100FT | compliant yes active | ![]() | |
| F41991-000 | ![]() | CFSM-200/50-2400/239(C8) | unknown unknown active | ||
| F419993001 | ![]() | Wire And Cable | compliant unknown active |
1 |