document.write("
| EVLSTDRIVEG611 Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "EVLSTDRIVEG611" Totale : 6 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() STMicroelectronics | EVLSTCH03-36W-SR | ![]() | 36W USB charger with selectable output voltage (5-9-12 V @3A) based on STCH03L and SRK1000B | contact_manufacturer active | |
| EVLSTCH03-45WPD | ![]() | 45W USB Type-C Power Delivery 3.0 adapter based on STCH03, SRK1001 and STUSB4761 | contact_manufacturer active | ||
| EVLSTCOMET-MET1 | ![]() | STCOMET Smart Meter Reference Design | contact_manufacturer active | ||
| EVLSTNRG-170W | ![]() | 170W SMPS with digitally controlled PFC and resonant LLC stage using STNRG388A | contact_manufacturer active | ||
| EVLSTNRG-1KW | ![]() | 1 kW SMPS digitally controlled multi-phase interleaved converter using STNRG388A | contact_manufacturer active | ||
| EVLSTNRG011-150 | ![]() | 12 V, 150 W power supply based on STNRG011 digital combo and SRK2001 adaptive synchronous rectifier controller | contact_manufacturer active |
1 |