document.write("
| ECM40US24.. Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "ECM40US24.." Totale : 14 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() STMicroelectronics | ECMF02-2AMX6 | ![]() | Common-mode filter and ESD protection for USB 2.0 and MIPI/MDDI interfaces | compliant active | |
| ECMF02-2BF3 | ![]() | Common mode filter with ESD protection for high speed serial interface | compliant active | ||
| ECMF02-2HSMX6 | ![]() | ESD protected common mode filter for USB3.0 interface | compliant active | ||
| ECMF02-4CMX8 | ![]() | Common mode filter with ESD protection for USB2.0 interface | compliant active | ||
| ECMF04-4HSM10 | ![]() | Common mode filter with ESD protection in QFN-10L | compliant active | ||
| ECMF04-4HSM10Y | ![]() | Automotive CMF with ESD protection and 2.2 GHz bandwidth in QFN-10L | compliant active | ||
| ECMF04-4HSWM10 | ![]() | Common mode filter with ESD protection in QFN-10L | compliant active | ||
| ECMF04-4HSWM10Y | ![]() | Automotive CMF with ESD protection and 3.5 GHz bandwidth in QFN-10L | compliant active | ||
| ECMF2-40A100N6 | ![]() | Data Line Filter, 2 Function(s), 6 Pin(s) | compliant unknown active | ||
| ECMF4-20A42N10 | ![]() | Common mode filter with ESD protection | compliant active | ||
| ECMF4-2450A17M10 | ![]() | Common-mode filter with ESD protection for high-speed serial interfaces | compliant active | ||
| ECMF4-2450A60N10 | ![]() | Common mode filter with ESD protection for High Speed Serial interface | compliant active | ||
| ECMF4-2459A6M10Y | ![]() | Automotive CMF with ESD protection and 9 GHz bandwidth in QFN-10L | compliant active | ||
| ECMF4-40A100N10 | ![]() | Data Line Filter, 4 Function(s), 10 Pin(s) | compliant unknown active |
1 |