document.write("
| DS2-KB-R2 Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "DS2-KB-R2" Totale : 399 ( 1/20 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() C&K | DS203A | ![]() | SWITCH SNAP ACTION | not_applicable not_applicable active | |
![]() Analog Devices Inc | DS21348G+ | ![]() | 3.3V E1/T1/J1 Line Interface, 49-CSP_BGA-7X7X1.4, 49 Pins, 0 to 70C | compliant not_recommended | ![]() |
| DS21348GN+ | ![]() | 3.3V E1/T1/J1 Line Interface, 49-CSP_BGA-7X7X1.4, 49 Pins, -40 to 85C | compliant not_recommended | ![]() | |
| DS21348T+ | ![]() | 3.3V E1/T1/J1 Line Interface, 44-TQFP-10X10X1.0, 44 Pins, 0 to 70C | compliant not_recommended | ![]() | |
| DS21348TN+ | ![]() | 3.3V E1/T1/J1 Line Interface, 44-TQFP-10X10X1.0, 44 Pins, -40 to 85C | compliant not_recommended | ![]() | |
| DS21349Q+ | ![]() | 3.3V T1/J1 Line Interface Unit, 28-PLCC-N/A, 28 Pins, 0 to 70C | compliant not_recommended | ![]() | |
| DS21352L+ | ![]() | 3.3V DS21352 and 5V DS21552 T1 Single Chip Transceivers, 100-LQFP-14X14X1.4, 100 Pins, 0 to 70C | compliant lifetime_buy | ![]() | |
| DS21352LN+ | ![]() | 3.3V DS21352 and 5V DS21552 T1 Single Chip Transceivers, 100-LQFP-14X14X1.4, 100 Pins, -40 to 85C | compliant not_recommended | ![]() | |
| DS21354L+ | ![]() | 3.3V/5V E1 Single Chip Transceivers (SCT), 100-LQFP-14X14X1.4, 100 Pins, 0 to 70C | compliant not_recommended | ![]() | |
| DS21354LC1+ | ![]() | 3.3V/5V E1 Single Chip Transceivers (SCT), 100-LQFP-14X14X1.4, 100 Pins, 0 to 70C | compliant not_recommended | ![]() | |
| DS21354LN+ | ![]() | 3.3V/5V E1 Single Chip Transceivers (SCT), 100-LQFP-14X14X1.4, 100 Pins, -40 to 85C | compliant not_recommended | ![]() | |
| DS21448G+ | ![]() | 3.3V E1/T1/J1 Quad Line Interface, 144-BGA-17X17_MM, 144 Pins, -40 to 85C | compliant not_recommended | ![]() | |
| DS21448L+ | ![]() | 3.3V E1/T1/J1 Quad Line Interface, 128-LQFP-14X20X1.4, 128 Pins, 0 to 70C | compliant lifetime_buy | ![]() | |
| DS21448LN+ | ![]() | 3.3V E1/T1/J1 Quad Line Interface, 128-LQFP-14X20X1.4, 128 Pins, -40 to 85C | compliant lifetime_buy | ![]() | |
| DS21448N | ![]() | 3.3V E1/T1/J1 Quad Line Interface, 144-BGA-17X17_MM, 144 Pins, -40 to 85C | not_compliant not_recommended | ![]() | |
| DS2148T+ | ![]() | 5V E1/T1/J1 Line Interface, 44-TQFP-10X10X1.0, 44 Pins, 0 to 70C | compliant not_recommended | ![]() | |
| DS2148TN+ | ![]() | 5V E1/T1/J1 Line Interface, 44-TQFP-10X10X1.0, 44 Pins, -40 to 85C | compliant not_recommended | ![]() | |
| DS2149Q+ | ![]() | 5V T1/J1 Line Interface Unit, 28-PLCC-N/A, 28 Pins, 0 to 70C | compliant obsolete | ![]() | |
| DS2149Q+T&R | ![]() | 5V T1/J1 Line Interface Unit, 28-PLCC-N/A, 28 Pins, 0 to 70C | compliant obsolete | ![]() | |
| DS2149QN+ | ![]() | 5V T1/J1 Line Interface Unit, 28-PLCC-N/A, 28 Pins, -40 to 85C | compliant not_recommended | ![]() |
1 2 3 4 5 6 7 8 9 10 ..... |