document.write("
| D34-R2 Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "D34-R2" Totale : 21 ( 1/2 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | D3401 (1462035-1) | ![]() | Communications/Signal PC Board Relays; D3401=FT Relay 300 mW 3 V-THT ( Axicom ) | compliant yes active | ![]() |
| D3402 (1462035-2) | ![]() | Communications/Signal PC Board Relays; D3402=FT Relay 300 mW 4.5 V-TH ( Axicom ) | compliant yes active | ![]() | |
| D3403 (1462035-3) | ![]() | D3403=FT Relay 300 mW 5 V-THT | compliant yes active | ||
| D3404 (1462035-4) | ![]() | Communications/Signal PC Board Relays; D3404=FT Relay 300 mW 6 V-THT ( Axicom ) | compliant yes active | ![]() | |
| D3405 (1462035-5) | ![]() | Communications/Signal PC Board Relays; D3405=FT Relay 300 mW 9 V-THT ( Axicom ) | compliant yes active | ![]() | |
| D3406 (1462035-6) | ![]() | D3406=FT Relay 300 mW 12 V-THT | compliant yes active | ||
| D3407 (1462035-7) | ![]() | D3407=FT Relay 300 mW 24 V-THT | compliant yes active | ||
| D3408 (1462035-8) | ![]() | Communications/Signal PC Board Relays; D3408=FT Relay 300 mW 48 V-THT ( Axicom ) | compliant yes active | ![]() | |
| D34166-000 | ![]() | Wire And Cable | unknown unknown active | ||
| D3421 (1462035-9) | ![]() | D3421=FT Relay 200 mW 3 V-THT | compliant yes active | ||
| D3422 (1-1462035-0) | ![]() | Communications/Signal PC Board Relays; D3422=FT Relay 200 mW 4.5 V-TH ( Axicom ) | compliant yes active | ![]() | |
| D3423 (1-1462035-1) | ![]() | D3423=FT Relay 200 mW 5 V-THT | compliant yes active | ||
| D3424 (1-1462035-2) | ![]() | Communications/Signal PC Board Relays; D3424=FT Relay 200 mW 6 V-THT ( Axicom ) | compliant yes active | ![]() | |
| D3425 (1-1462035-3) | ![]() | Communications/Signal PC Board Relays; D3425=FT Relay 200 mW 9 V-THT ( Axicom ) | compliant yes active | ![]() | |
| D3426 (1-1462035-4) | ![]() | D3426=FT Relay 200 mW 12 V-THT | compliant yes active | ||
| D34331-000 | ![]() | CONN BACKSHELL ADPT SZ 10-10SL | not_compliant no active | ![]() | |
| D34796-000 | ![]() | B-155-3801 | compliant yes active | ![]() | |
| D34914-000 | ![]() | HEAT SHRINK TUBE, SINGLE WALL, 1.2 ID Before Shrink, 2:1 Shrink Ratio | compliant unknown active | ||
| D34945-000 | ![]() | CONN BACKSHELL ADPT SZ 10B OLIVE | not_compliant no active | ![]() | |
| D34971-000 | ![]() | I/O CONN | not_compliant no active | ![]() |
1 2 |