document.write("
| D20-R47-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "D20-R47-R" Totale : 11 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | D20276-000 | ![]() | HEAT SHRINK BOOT, SINGLE WALL, FLUOROPOLYMER, 14.2/11.2 ID Before Shrink, 2:1 Shrink Ratio, BLACK | compliant unknown active | |
| D20423-000 | ![]() | CONN BACKSHELL ADPT SZ 25J M37 | unknown yes active | ![]() | |
| D20444-000 | ![]() | HEAT SHRINK TUBE, DUAL WALL, 7.62 ID Before Shrink, 4:1 Shrink Ratio | compliant unknown active | ||
| D20550-013 | ![]() | POLT-24D/1XI-L16B | unknown unknown active | ||
| D20550-064 | ![]() | POLT-24D/1XI-L16B | unknown unknown active | ||
| D20550-073 | ![]() | POLT-24D/1XI-L16B | unknown unknown active | ||
| D20550-074 | ![]() | POLT-24D/1XI-L16B | unknown unknown active | ||
| D209003001 | ![]() | Cables/Accessories | compliant unknown active | ||
| D20902-000 | ![]() | CONN BACKSHELL ADPT SZ7-12S OLIV | not_compliant no active | ![]() | |
![]() New Jersey Semiconducto... | D20XB20 | ![]() | Diode Rectifier Bridge Single 200V 3.5A 4-Pin SIP | no unknown active | ![]() |
| D20XB60 | ![]() | Bridge rectifier | no unknown active | ![]() |
1 |