document.write("
| D136-R2 Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "D136-R2" Totale : 20 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() Renesas Electronics Cor... | D13002VFP10V | ![]() | 16-bit Microcontrollers with Embedded 512KB Flash Microcomputer (Non Promotion), QFP, /Tray | not_compliant yes obsolete | ![]() |
| D13004FI16V | ![]() | 16-bit Microcontrollers with Embedded 512KB Flash Microcomputer (Non Promotion), QFP, /Tray | not_compliant yes obsolete | ![]() | |
| D13007VF10V | ![]() | 16-bit Microcontrollers with Embedded 512KB Flash Microcomputer (Non Promotion), FQFP, / | not_compliant yes obsolete | ![]() | |
| D13007VFI10V | ![]() | 16-bit Microcontrollers with Embedded 512KB Flash Microcomputer (Non Promotion), FQFP, / | not_compliant yes obsolete | ![]() | |
| D13008F25V | ![]() | IC H8S MPU ROMLESS 100QFP | unknown unknown active | ||
| D13008FBL25V | ![]() | MCU 3V 0K 100-QFP | unknown unknown active | ||
| D13008VF25V | ![]() | IC H8S MPU ROMLESS 100QFP | unknown unknown active | ||
| D13008VFBL25V | ![]() | MCU 3V 0K PB-FREE 100-QFP | unknown unknown contact_manufacturer | ||
| D13008VXI25V | ![]() | MCU 3V 0K I-TEMP PB-FREE 100-TQF | unknown unknown active | ||
![]() TE Connectivity | D13043-000 | ![]() | Wire And Cable, 1 Conductor(s), 26AWG, 600V, Flexible Cord And Fixture Wire | compliant unknown active | |
| D13045-000 | ![]() | 44A0221-18-0/9 | compliant yes obsolete | ![]() | |
| D130453001 | ![]() | Wire And Cable, 2 Conductor(s), 18AWG, 1000V, Flexible Cord And Fixture Wire | compliant unknown active | ||
| D13352-000 | ![]() | Wire And Cable, 28AWG, 600V, Flexible Cord And Fixture Wire | compliant unknown active | ||
| D13547-000 | ![]() | CONN BACKSHELL ADPT SZ 23F OLIVE | not_compliant no active | ![]() | |
| D13559-000 | ![]() | MOLDED PARTS | compliant yes active | ![]() | |
| D13560-000 | ![]() | STD POLY MOLDED PARTS | compliant yes active | ![]() | |
![]() Digitron Semiconductors | D13T1 | ![]() | Programmable Unijunction Transistor; Max Peak Repetitive Reverse Voltage: 40; Max TMS Bridge Input Voltage: 5; Max DC Reverse Voltage: 70; Capacitance: 1.5 | unknown unknown unknown | ![]() |
| D13T2 | ![]() | Programmable Unijunction Transistor; Max Peak Repetitive Reverse Voltage: 40; Max TMS Bridge Input Voltage: 1; Max DC Reverse Voltage: 25; Capacitance: 1.5 | unknown unknown unknown | ![]() | |
| D13T3 | ![]() | Programmable Unijunction Transistor; Max Peak Repetitive Reverse Voltage: 100; Max TMS Bridge Input Voltage: 5; Max DC Reverse Voltage: 70; Capacitance: 1.5 | unknown unknown unknown | ![]() | |
| D13T4 | ![]() | Programmable Unijunction Transistor; Max Peak Repetitive Reverse Voltage: 100; Max TMS Bridge Input Voltage: 1; Max DC Reverse Voltage: 25; Capacitance: 1.5 | unknown unknown unknown | ![]() |
1 |