document.write("
| D10-R47-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "D10-R47-R" Totale : 14 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | D100-19X | ![]() | Power/Signal Relay, 1 Form C, SPDT, 5A (Contact), AC Input, Panel Mount | not_compliant unknown active | |
| D10061-000 | ![]() | CONN BACKSHELL ADPT SZ 12-14S | compliant yes active | ![]() | |
| D100A | ![]() | D100A=CONTACTOR - 3PST 120A | not_compliant no active | ![]() | |
| D100X | ![]() | POWER/SIGNAL RELAY, SPDT, MOMENTARY, PANEL MOUNT | not_compliant no active | ![]() | |
| D101X | ![]() | POWER/SIGNAL RELAY, SPST, MOMENTARY, 2000mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT | not_compliant unknown active | ![]() | |
| D10241-000 | ![]() | Wire & Harness ID Products; HL203YW1TS070B-PREV ( Tyco Electronics ) | compliant yes obsolete | ![]() | |
| D10419-000 | ![]() | CONN BACKSHELL ADPT SZ 9A OLIVE | not_compliant no active | ![]() | |
| D10446-000 | ![]() | CONN BACKSHELL ADPT SZ 14 14S | not_compliant no active | ![]() | |
| D10462-000 | ![]() | CONN BACKSHELL ADPT SZ 13C M18 | unknown yes active | ![]() | |
| D10921-000 | ![]() | HEAT SHRINK MARKER SLEEVE | compliant unknown active | ||
| D10939-000 | ![]() | CONN BACKSHELL ADPT SZ 10-10SL | not_compliant no active | ![]() | |
| D10977-000 | ![]() | CONN BACKSHELL ADPT SZ 21G M31 | compliant yes active | ![]() | |
| D10994-000 | ![]() | CONN BACKSHELL ADPT SZ 21G OLIVE | not_compliant no active | ![]() | |
![]() New Jersey Semiconducto... | D10XB60H | ![]() | Diode Rectifier Bridge Single 600V 2.9A 4-Pin SIP | no unknown active | ![]() |
1 |