document.write("

CXO2EV-R12.8T Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "CXO2EV-R12.8T" Totale : 16 ( 1/1 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
IQD Frequency Products
CXO 3.3VSPXO(S), Frequency Range: 0.3 ~ 170 MHz; Supply Voltage: 3.3 V; Package: 10.29 x 4.83mm; Freq Tolerance: 100; Freq Stability: 50 ppm; Output: CMOS; Temp Range: -55 to 125Ccompliant
yes
active
CXO 5.0VSPXO(S), Frequency Range: 0.3 ~ 120 MHz; Supply Voltage: 5 V; Package: 10.29 x 4.83mm; Freq Tolerance: 100; Freq Stability: 50 ppm; Output: CMOS; Temp Range: -55 to 125Cunknown
unknown
unknown
CXO3MSPXO(S), Frequency Range: 0.2 ~ 200 MHz; Supply Voltage: 3.3 V; Package: 6.5 x 5.0mm; Freq Tolerance: 100; Freq Stability: 50 ppm; Output: CMOS/TTL; Temp Range: -55 to 125Cunknown
unknown
unknown
CXO3M WSPXO(S), Frequency Range: 0.032768 ~ 0.032768 MHz; Supply Voltage: 3.3 V; Package: 6.68 x 5.18mm; Freq Tolerance: 100; Freq Stability: 10 ppm; Output: CMOS; Temp Range: -55 to 125Ccompliant
yes
active
CXOMSPXO(S), Frequency Range: 0.2 ~ 160 MHz; Supply Voltage: 5 V; Package: 6.5 x 5.0mm; Freq Tolerance: 100; Freq Stability: 50 ppm; Output: CMOS; Temp Range: -55 to 125Cunknown
unknown
unknown
CXOMHT 3.3VSPXO(S), Frequency Range: 0.32 ~ 50 MHz; Supply Voltage: 3.3 V; Package: 6.68 x 5.18mm; Freq Tolerance: 50; Freq Stability: 100 ppm; Output: CMOS; Temp Range: 25 to 225Ccompliant
yes
active
CXOQ 1.8VSPXO(S), Frequency Range: 0.4 ~ 100 MHz; Supply Voltage: 1.8 V; Package: 2.5 x 2.0mm; Freq Tolerance: 30; Freq Stability: 50 ppm; Output: CMOS; Temp Range: -55 to 125Cunknown
unknown
unknown
CXOQ 2.5VSPXO(S), Frequency Range: 0.4 ~ 100 MHz; Supply Voltage: 2.5 V; Package: 2.5 x 2.0mm; Freq Tolerance: 30; Freq Stability: 50 ppm; Output: CMOS; Temp Range: -55 to 125Cunknown
unknown
unknown
CXOQ 3.0VSPXO(S), Frequency Range: 0.4 ~ 100 MHz; Supply Voltage: 3 V; Package: 2.5 x 2.0mm; Freq Tolerance: 30; Freq Stability: 50 ppm; Output: CMOS; Temp Range: -55 to 125Cunknown
unknown
unknown
CXOQ 3.3VSPXO(S), Frequency Range: 0.4 ~ 100 MHz; Supply Voltage: 3.3 V; Package: 2.5 x 2.0mm; Freq Tolerance: 30; Freq Stability: 50 ppm; Output: CMOS; Temp Range: -55 to 125Cunknown
unknown
unknown
CXOX 3.3VSPXO(S), Frequency Range: 1 ~ 160 MHz; Supply Voltage: 3.3 V; Package: 3.2 x 2.5mm; Freq Tolerance: 100; Freq Stability: 50 ppm; Output: CMOS; Temp Range: -55 to 125Cunknown
unknown
unknown
CXOXHG 1.8VSPXO(S), Frequency Range: 1 ~ 160 MHz; Supply Voltage: 1.8 V; Package: 3.2 x 2.5mm; Freq Tolerance: 100; Freq Stability: 50 ppm; Output: CMOS; Temp Range: -55 to 125Ccompliant
yes
active
CXOXHG 2.5VSPXO(S), Frequency Range: 1 ~ 160 MHz; Supply Voltage: 2.5 V; Package: 3.2 x 2.5mm; Freq Tolerance: 100; Freq Stability: 50 ppm; Output: CMOS; Temp Range: -55 to 125Ccompliant
yes
active
CXOXHG 3.0VSPXO(S), Frequency Range: 1 ~ 160 MHz; Supply Voltage: 3 V; Package: 3.2 x 2.5mm; Freq Tolerance: 100; Freq Stability: 50 ppm; Output: CMOS; Temp Range: -55 to 125Ccompliant
yes
active
CXOXHG 3.3VSPXO(S), Frequency Range: 1 ~ 160 MHz; Supply Voltage: 3.3 V; Package: 3.2 x 2.5mm; Freq Tolerance: 100; Freq Stability: 50 ppm; Output: CMOS; Temp Range: -55 to 125Cunknown
unknown
unknown
CXOXHG 5.0VSPXO(S), Frequency Range: 1 ~ 160 MHz; Supply Voltage: 5 V; Package: 3.2 x 2.5mm; Freq Tolerance: 100; Freq Stability: 50 ppm; Output: CMOS; Temp Range: -55 to 125Ccompliant
yes
active

1

");