document.write("

CT-14W0YR-R Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "CT-14W0YR-R" Totale : 4 ( 1/1 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
CUI Inc
CT-120512.8 mm Magnetic Sound Transducer, 5 V, Surface Mount; Rated Voltage (Vo-p): 5.00000; Sound Pressure Level (db): 87.00000; Operating Temperature (°C): -30.00000, 85.00000; Height (mm): 7.10000; Dimensions LxWxH (in): 0.50, 0.50, 0.28; Dimensionscompliant
yes
active
CT-1205-SMT12.8 mm, 5 V, 87 dB, Surface Mount (SMT), Magnetic Audio Transducer Buzzercompliant
yes
active
CT-1205H12.8 mm Magnetic Sound Transducer, 5 V, Surface Mount; Rated Voltage (Vo-p): 5.00000; Sound Pressure Level (db): 88.00000; Operating Temperature (°C): -30.00000, 70.00000; Height (mm): 10.00000; Dimensions LxWxH (in): 0.50, 0.39, 0.50; Dimensioncompliant
yes
active
CT-1212CL12.8 mm Magnetic Sound Transducer, 12 V, Surface Mount, Built-In Driving Circuit; Sound Pressure Level (db): 85.00000; Rated Voltage (Vdc): 12.00000; Operating Temperature (°C): -30.00000, 70.00000; Height (mm): 7.10000; Dimensions LxWxH (in): 0compliant
yes
active

1

");