document.write("
| CSS125P-331M Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "CSS125P-331M" Totale : 13 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() CUI Inc | CSS-0575A | ![]() | 5 mm Magnetic Sound Transducer, 3 V, Surface Mount; Rated Voltage (Vo-p): 3.00000; Sound Pressure Level (db): 75.00000; Operating Temperature (°C): -30.00000, 70.00000; Height (mm): 1.90000; Dimensions LxWxH (in): 0.20, 0.20, 0.07; Dimensions L | compliant yes active | ![]() |
| CSS-0575B | ![]() | 5 mm Magnetic Sound Transducer, 3 V, Surface Mount; Rated Voltage (Vo-p): 3.00000; Sound Pressure Level (db): 75.00000; Operating Temperature (°C): -30.00000, 70.00000; Height (mm): 2.50000; Dimensions LxWxH (in): 0.20, 0.10, 0.20; Dimensions L | compliant yes active | ![]() | |
| CSS-0575B-SMT | ![]() | 5 mm, 3 V, 75 dB, Surface Mount (SMT), Magnetic Audio Transducer Buzzer | compliant yes active | ![]() | |
| CSS-0578 | ![]() | 5 mm Magnetic Sound Transducer, 3 V, Surface Mount; Rated Voltage (Vo-p): 3.00000; Sound Pressure Level (db): 78.00000; Operating Temperature (°C): -30.00000, 70.00000; Height (mm): 3.00000; Dimensions LxWxH (in): 0.20, 0.12, 0.20; Dimensions L | compliant yes active | ![]() | |
| CSS-73B16K | ![]() | 8.5 mm Magnetic Sound Transducer, 3.6 V, Surface Mount; Rated Voltage (Vo-p): 3.60000; Sound Pressure Level (db): 87.00000; Operating Temperature (°C): -30.00000, 70.00000; Height (mm): 4.00000; Dimensions LxWxH (in): 0.33, 0.16, 0.33; Dimension | compliant yes active | ![]() | |
| CSS-95B30 | ![]() | 10 mm Magnetic Sound Transducer, 5 V, Surface Mount; Rated Voltage (Vo-p): 5.00000; Sound Pressure Level (db): 95.00000; Operating Temperature (°C): -20.00000, 70.00000; Height (mm): 3.20000; Dimensions LxWxH (in): 0.39, 0.13, 0.39; Dimensions | compliant yes active | ![]() | |
| CSS-95B30-SMT | ![]() | 10 mm, 5 V, 92 dB, Surface Mount (SMT), Magnetic Audio Transducer Buzzer | compliant yes active | ![]() | |
| CSS-H5B43 | ![]() | 14 mm Magnetic Sound Transducer, 5 V, Surface Mount; Rated Voltage (Vo-p): 5.00000; Sound Pressure Level (db): 91.00000; Operating Temperature (°C): -30.00000, 85.00000; Height (mm): 3.00000; Dimensions LxWxH (in): 0.55, 0.12, 0.43; Dimensions | compliant yes active | ![]() | |
| CSS-H5B43-SMT | ![]() | 14 mm, 5 V, 91 dB, Surface Mount (SMT), Magnetic Audio Transducer Buzzer | compliant yes active | ![]() | |
| CSS-I4B20 | ![]() | 8.5 mm Magnetic Sound Transducer, 3.6 V, Surface Mount; Rated Voltage (Vo-p): 3.60000; Sound Pressure Level (db): 85.00000; Operating Temperature (°C): -30.00000, 70.00000; Height (mm): 3.00000; Dimensions LxWxH (in): 0.33, 0.12, 0.33; Dimension | compliant yes active | ![]() | |
| CSS-I4B20-SMT | ![]() | 8.5 mm, 3.6 V, 85 dB, Surface Mount (SMT), Magnetic Audio Transducer Buzzer | compliant yes active | ![]() | |
| CSS-J4B20 | ![]() | 8.5 mm Magnetic Sound Transducer, 3.6 V, Surface Mount; Rated Voltage (Vo-p): 3.60000; Sound Pressure Level (db): 90.00000; Operating Temperature (°C): -30.00000, 70.00000; Height (mm): 3.20000; Dimensions LxWxH (in): 0.33, 0.13, 0.33; Dimension | compliant yes active | ![]() | |
| CSS-J4D20 | ![]() | 8.5 mm Magnetic Sound Transducer, 3.6 V, Surface Mount; Rated Voltage (Vo-p): 3.60000; Sound Pressure Level (db): 90.00000; Operating Temperature (°C): -30.00000, 70.00000; Height (mm): 3.20000; Dimensions LxWxH (in): 0.33, 0.13, 0.33; Dimension | compliant yes active | ![]() |
1 |