document.write("

CSS-1301TB Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "CSS-1301TB" Totale : 13 ( 1/1 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
CUI Inc
CSS-0575A5 mm Magnetic Sound Transducer, 3 V, Surface Mount; Rated Voltage (Vo-p): 3.00000; Sound Pressure Level (db): 75.00000; Operating Temperature (°C): -30.00000, 70.00000; Height (mm): 1.90000; Dimensions LxWxH (in): 0.20, 0.20, 0.07; Dimensions Lcompliant
yes
active
CSS-0575B5 mm Magnetic Sound Transducer, 3 V, Surface Mount; Rated Voltage (Vo-p): 3.00000; Sound Pressure Level (db): 75.00000; Operating Temperature (°C): -30.00000, 70.00000; Height (mm): 2.50000; Dimensions LxWxH (in): 0.20, 0.10, 0.20; Dimensions Lcompliant
yes
active
CSS-0575B-SMT5 mm, 3 V, 75 dB, Surface Mount (SMT), Magnetic Audio Transducer Buzzercompliant
yes
active
CSS-05785 mm Magnetic Sound Transducer, 3 V, Surface Mount; Rated Voltage (Vo-p): 3.00000; Sound Pressure Level (db): 78.00000; Operating Temperature (°C): -30.00000, 70.00000; Height (mm): 3.00000; Dimensions LxWxH (in): 0.20, 0.12, 0.20; Dimensions Lcompliant
yes
active
CSS-73B16K8.5 mm Magnetic Sound Transducer, 3.6 V, Surface Mount; Rated Voltage (Vo-p): 3.60000; Sound Pressure Level (db): 87.00000; Operating Temperature (°C): -30.00000, 70.00000; Height (mm): 4.00000; Dimensions LxWxH (in): 0.33, 0.16, 0.33; Dimensioncompliant
yes
active
CSS-95B3010 mm Magnetic Sound Transducer, 5 V, Surface Mount; Rated Voltage (Vo-p): 5.00000; Sound Pressure Level (db): 95.00000; Operating Temperature (°C): -20.00000, 70.00000; Height (mm): 3.20000; Dimensions LxWxH (in): 0.39, 0.13, 0.39; Dimensions compliant
yes
active
CSS-95B30-SMT10 mm, 5 V, 92 dB, Surface Mount (SMT), Magnetic Audio Transducer Buzzercompliant
yes
active
CSS-H5B4314 mm Magnetic Sound Transducer, 5 V, Surface Mount; Rated Voltage (Vo-p): 5.00000; Sound Pressure Level (db): 91.00000; Operating Temperature (°C): -30.00000, 85.00000; Height (mm): 3.00000; Dimensions LxWxH (in): 0.55, 0.12, 0.43; Dimensions compliant
yes
active
CSS-H5B43-SMT14 mm, 5 V, 91 dB, Surface Mount (SMT), Magnetic Audio Transducer Buzzercompliant
yes
active
CSS-I4B208.5 mm Magnetic Sound Transducer, 3.6 V, Surface Mount; Rated Voltage (Vo-p): 3.60000; Sound Pressure Level (db): 85.00000; Operating Temperature (°C): -30.00000, 70.00000; Height (mm): 3.00000; Dimensions LxWxH (in): 0.33, 0.12, 0.33; Dimensioncompliant
yes
active
CSS-I4B20-SMT8.5 mm, 3.6 V, 85 dB, Surface Mount (SMT), Magnetic Audio Transducer Buzzercompliant
yes
active
CSS-J4B208.5 mm Magnetic Sound Transducer, 3.6 V, Surface Mount; Rated Voltage (Vo-p): 3.60000; Sound Pressure Level (db): 90.00000; Operating Temperature (°C): -30.00000, 70.00000; Height (mm): 3.20000; Dimensions LxWxH (in): 0.33, 0.13, 0.33; Dimensioncompliant
yes
active
CSS-J4D208.5 mm Magnetic Sound Transducer, 3.6 V, Surface Mount; Rated Voltage (Vo-p): 3.60000; Sound Pressure Level (db): 90.00000; Operating Temperature (°C): -30.00000, 70.00000; Height (mm): 3.20000; Dimensions LxWxH (in): 0.33, 0.13, 0.33; Dimensioncompliant
yes
active

1

");