document.write("
| CS2-64-R/ Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "CS2-64-R/" Totale : 45 ( 1/3 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() onsemi | CS2001YDWF20 | ![]() | 1.2 A Switching Regulator and 5.0 V, 100 mA Linear Regulator with RESETbar, SOIC-20 WB, 38-TUBE | no obsolete | ![]() |
| CS2001YDWFR20 | ![]() | 1.2 A Switching Regulator and 5.0 V, 100 mA Linear Regulator with RESETbar, SOIC-20 WB, 1000-REEL | no obsolete | ![]() | |
![]() TE Connectivity | CS2019-000 | ![]() | Wire And Cable, 20AWG, 600V, Flexible Cord And Fixture Wire | compliant unknown obsolete | |
![]() New Jersey Semiconducto... | CS220-10B | ![]() | Thyristor SCR 200V 100A 3-Pin(3+Tab) TO-220AB Box | no unknown active | ![]() |
| CS220-10D | ![]() | Thyristor SCR 400V 100A 3-Pin(3+Tab) TO-220AB Box | no unknown active | ![]() | |
| CS220-10M | ![]() | Thyristor SCR 600V 100A 3-Pin(3+Tab) TO-220AB Box | no unknown active | ![]() | |
| CS220-10N | ![]() | Thyristor SCR 800V 100A 3-Pin(3+Tab) TO-220AB Box | no unknown active | ![]() | |
| CS220-12B | ![]() | Thyristor SCR 200V 80A 3-Pin(3+Tab) TO-220 Box | no unknown active | ![]() | |
| CS220-12D | ![]() | Thyristor SCR 400V 80A 3-Pin(3+Tab) TO-220 Box | no unknown active | ![]() | |
| CS220-12M | ![]() | Thyristor SCR 600V 80A 3-Pin(3+Tab) TO-220 Box | no unknown active | ![]() | |
| CS220-12N | ![]() | Thyristor SCR 800V 80A 3-Pin(3+Tab) TO-220 Box | no unknown active | ![]() | |
| CS220-8B | ![]() | Thyristor SCR 200V 60A 3-Pin(3+Tab) TO-220 Box | no unknown active | ![]() | |
| CS220-8D | ![]() | Thyristor SCR 400V 60A 3-Pin(3+Tab) TO-220 Box | no unknown active | ![]() | |
| CS220-8M | ![]() | Thyristor SCR 600V 60A 3-Pin(3+Tab) TO-220 Box | no unknown active | ![]() | |
| CS220-8N | ![]() | Thyristor SCR 800V 60A 3-Pin(3+Tab) TO-220 Box | no unknown active | ![]() | |
![]() TE Connectivity | CS2469-000 | ![]() | HEAT SHRINK BOOT, SINGLE WALL, POLYOLEFIN | compliant unknown active | |
| CS2472-000 | ![]() | CONN BACKSHELL ADPT SZ24 25 OLIV | not_compliant no active | ![]() | |
| CS2510-000 | ![]() | CONN BACKSHELL ADPT SZ 32 SLVR | compliant yes active | ![]() | |
| CS2618-000 | ![]() | CONN BACKSHELL ADPT SZ 18 OLIVE | not_compliant no active | ![]() | |
| CS2619-000 | ![]() | CONN BACKSHELL ADPT SZ 18 OLIVE | not_compliant no active | ![]() |
1 2 3 |