document.write("
| C55-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "C55-R" Totale : 11 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | C55015-000 | ![]() | IN LINE COUPLERS | compliant no active | ![]() |
| C55089-000 | ![]() | Connector Accessory, 0.219in Min Cable Dia, 0.35in Max Cable Dia, Aluminum Alloy | not_compliant unknown active | ||
| C55099-000 | ![]() | CONN BACKSHELL ADPT SZ 22 OLIVE | not_compliant no active | ![]() | |
| C55176-000 | ![]() | CONN BACKSHELL ADPT SZ 22 OLIVE | not_compliant no active | ![]() | |
| C55192-000 | ![]() | CONN BACKSHELL ADPT SZ 12 12S | not_compliant no active | ![]() | |
| C55474-000 | ![]() | CONN BACKSHELL ADPT SZ20 21 SLVR | compliant yes active | ![]() | |
| C55501-000 | ![]() | CONN BACKSHELL ADPT SZ 10SL OLIV | not_compliant no active | ![]() | |
| C555693001 | ![]() | Wire And Cable, 600V, Flexible Cord And Fixture Wire | compliant unknown active | ||
| C55572-000 | ![]() | Wire And Cable | unknown unknown active | ||
| C55741-000 | ![]() | FILTERLINE PRIMARY | not_compliant no active | ![]() | |
| C55984-000 | ![]() | HEAT SHRINK MARKER SLEEVE | compliant unknown active |
1 |