document.write("
| C35-R27K-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "C35-R27K-R" Totale : 34 ( 1/2 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() New Jersey Semiconducto... | C35 | ![]() | Diode Schottky 600V 15.5A 2-Pin(2+Tab) TO-220 | unknown unknown active | ![]() |
![]() TE Connectivity | C35095-000 | ![]() | HEAT SHRINK TUBING 1=200FT | compliant yes active | ![]() |
| C35135-000 | ![]() | CONN BACKSHELL ADPT SZ 19F M28 | compliant yes active | ![]() | |
| C35158-000 | ![]() | CONN BACKSHELL ADPT SZ 11B M15 | compliant yes active | ![]() | |
| C35514-000 | ![]() | ELECTRONIC KITS | compliant yes active | ![]() | |
| C35565-000 | ![]() | STD POLY MOLDED PARTS | compliant yes active | ![]() | |
| C35799-000 | ![]() | TINEL LOCK RING ADAPT | not_compliant no active | ![]() | |
| C35901-000 | ![]() | CONNECTOR ACCESSORY | compliant unknown obsolete | ||
![]() New Jersey Semiconducto... | C35A | ![]() | Diode 50V 35A Die | unknown unknown contact_manufacturer | ![]() |
![]() Digitron Semiconductors | C35A | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 100; Max TMS Bridge Input Voltage: 22.3; Max DC Reverse Voltage: 13; Capacitance: 100; Package: TO-48 | not_compliant unknown active | ![]() |
![]() New Jersey Semiconducto... | C35B | ![]() | Diode 100V 35A Die | unknown unknown contact_manufacturer | ![]() |
![]() Digitron Semiconductors | C35B | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 200; Max TMS Bridge Input Voltage: 22.3; Max DC Reverse Voltage: 12; Capacitance: 100; Package: TO-48 | not_compliant unknown active | ![]() |
![]() New Jersey Semiconducto... | C35C | ![]() | Diode 100V 35A Die | unknown unknown contact_manufacturer | ![]() |
![]() Digitron Semiconductors | C35C | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 300; Max TMS Bridge Input Voltage: 22.3; Max DC Reverse Voltage: 10; Capacitance: 100; Package: TO-48 | not_compliant unknown active | ![]() |
![]() New Jersey Semiconducto... | C35D | ![]() | Diode 200V 35A Die | unknown unknown active | ![]() |
![]() Digitron Semiconductors | C35D | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 400; Max TMS Bridge Input Voltage: 22.3; Max DC Reverse Voltage: 8; Capacitance: 100; Package: TO-48 | not_compliant unknown active | ![]() |
![]() New Jersey Semiconducto... | C35DX797 | ![]() | Diode 200V 35A Die | unknown unknown contact_manufacturer | ![]() |
| C35E | ![]() | Diode 100V 35A Die | unknown unknown contact_manufacturer | ![]() | |
![]() Digitron Semiconductors | C35E | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 500; Max TMS Bridge Input Voltage: 22.3; Max DC Reverse Voltage: 6; Capacitance: 100; Package: TO-48 | not_compliant unknown active | ![]() |
![]() New Jersey Semiconducto... | C35F | ![]() | Diode 100V 35A Die | unknown unknown contact_manufacturer | ![]() |
1 2 |