document.write("
| C23-R2 Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "C23-R2" Totale : 48 ( 1/3 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | C230-AG | ![]() | CAP PB SNAPFIT BLACK .590" DIA | unknown unknown active | |
![]() Digitron Semiconductors | C230A | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 100; Max TMS Bridge Input Voltage: 16; Max DC Reverse Voltage: 0.5; Capacitance: 50; Package: TO-48-ISO | not_compliant unknown active | ![]() |
| C230A3 | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 100; Max TMS Bridge Input Voltage: 16; Max DC Reverse Voltage: 0.5; Capacitance: 50; Package: TO-48-ISO | not_compliant unknown active | ![]() | |
| C230B | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 200; Max TMS Bridge Input Voltage: 16; Max DC Reverse Voltage: 0.5; Capacitance: 50; Package: TO-48-ISO | not_compliant unknown active | ![]() | |
| C230B3 | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 200; Max TMS Bridge Input Voltage: 16; Max DC Reverse Voltage: 0.5; Capacitance: 50; Package: TO-48-ISO | not_compliant unknown active | ![]() | |
| C230C | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 300; Max TMS Bridge Input Voltage: 16; Max DC Reverse Voltage: 0.5; Capacitance: 50; Package: TO-48-ISO | not_compliant unknown active | ![]() | |
| C230C3 | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 300; Max TMS Bridge Input Voltage: 16; Max DC Reverse Voltage: 0.5; Capacitance: 50; Package: TO-48-ISO | not_compliant unknown active | ![]() | |
| C230D | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 400; Max TMS Bridge Input Voltage: 16; Max DC Reverse Voltage: 0.5; Capacitance: 50; Package: TO-48-ISO | not_compliant unknown active | ![]() | |
| C230D3 | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 400; Max TMS Bridge Input Voltage: 16; Max DC Reverse Voltage: 0.5; Capacitance: 50; Package: TO-48-ISO | not_compliant unknown active | ![]() | |
| C230E | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 500; Max TMS Bridge Input Voltage: 16; Max DC Reverse Voltage: 0.5; Capacitance: 50; Package: TO-48-ISO | not_compliant unknown active | ![]() | |
| C230E3 | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 500; Max TMS Bridge Input Voltage: 16; Max DC Reverse Voltage: 0.5; Capacitance: 50; Package: TO-48-ISO | not_compliant unknown active | ![]() | |
| C230F | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 50; Max TMS Bridge Input Voltage: 16; Max DC Reverse Voltage: 0.5; Capacitance: 50; Package: TO-48-ISO | not_compliant unknown active | ![]() | |
| C230F3 | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 50; Max TMS Bridge Input Voltage: 16; Max DC Reverse Voltage: 0.5; Capacitance: 50; Package: TO-48-ISO | not_compliant unknown active | ![]() | |
| C230M | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 600; Max TMS Bridge Input Voltage: 16; Max DC Reverse Voltage: 0.5; Capacitance: 50; Package: TO-48-ISO | not_compliant unknown active | ![]() | |
| C230M3 | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 600; Max TMS Bridge Input Voltage: 16; Max DC Reverse Voltage: 0.5; Capacitance: 50; Package: TO-48-ISO | not_compliant unknown active | ![]() | |
| C231A | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 100; Max TMS Bridge Input Voltage: 16; Max DC Reverse Voltage: 0.5; Capacitance: 50; Package: TO-48-ISO | not_compliant unknown active | ![]() | |
| C231A3 | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 100; Max TMS Bridge Input Voltage: 16; Max DC Reverse Voltage: 0.5; Capacitance: 50; Package: TO-48-ISO | not_compliant unknown active | ![]() | |
| C231B | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 200; Max TMS Bridge Input Voltage: 16; Max DC Reverse Voltage: 0.5; Capacitance: 50; Package: TO-48-ISO | not_compliant unknown active | ![]() | |
| C231B3 | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 200; Max TMS Bridge Input Voltage: 16; Max DC Reverse Voltage: 0.5; Capacitance: 50; Package: TO-48-ISO | not_compliant unknown active | ![]() | |
| C231C | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 300; Max TMS Bridge Input Voltage: 16; Max DC Reverse Voltage: 0.5; Capacitance: 50; Package: TO-48-ISO | not_compliant unknown active | ![]() |
1 2 3 |