document.write("
| C16-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "C16-R" Totale : 11 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | C16181-000 | ![]() | CONN BACKSHELL ADPT SZ 24 | compliant yes obsolete | ![]() |
| C16252-000 | ![]() | I/O CONN | compliant yes active | ![]() | |
| C16404-000 | ![]() | HEAT SHRINK TUBE, SINGLE WALL, IRRADIATED MODIFIED POLYOLEFIN, 1.43 ID Before Shrink, 2:1 Shrink Ratio, BLACK | compliant unknown active | ||
| C16425-000 | ![]() | Connector Accessory, 0.219in Min Cable Dia, 0.35in Max Cable Dia, Aluminum Alloy | compliant unknown active | ||
| C16456-000 | ![]() | Wire And Cable, 16AWG, 600V, Flexible Cord And Fixture Wire | compliant unknown obsolete | ||
| C16588-000 | ![]() | TFIT POLY MOLDED P | compliant yes active | ![]() | |
| C16803-000 | ![]() | Wire And Cable, 12AWG, 600V, Flexible Cord And Fixture Wire | compliant unknown active | ||
| C16833-000 | ![]() | CONN BACKSHELL ADPT SZ 8 8S SLVR | compliant yes active | ![]() | |
| C16865-000 | ![]() | Labeling Materials | compliant unknown active | ||
| C16884-000 | ![]() | 55A CABLE/SINGLE WALL | compliant yes active | ![]() | |
| C16894-000 | ![]() | HEAT SHRINK BOOT, POLYOLEFIN, 26.9 ID Before Shrink | compliant unknown active |
1 |