document.write("
| C147-25LSM Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "C147-25LSM" Totale : 16 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() New Jersey Semiconducto... | C147 | ![]() | SCR SWITCHING 63ARMS 600V HERMETIC 1/4-28STUD | unknown unknown active | ![]() |
![]() TE Connectivity | C14741-000 | ![]() | CONN BACKSHELL ADPT SZ 23H M34 | compliant yes active | ![]() |
| C1475RJL | ![]() | Fixed Resistor, Wire Wound, 14W, 75ohm, 5% +/-Tol, 90ppm/Cel | compliant unknown active | ||
| C14768-000 | ![]() | CONN BACKSHELL ADPT SZ 28 OLIVE | not_compliant no active | ![]() | |
![]() Digitron Semiconductors | C147A | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 100; Max TMS Bridge Input Voltage: 40; Max DC Reverse Voltage: 12; Capacitance: 250; Package: TO-65 | not_compliant unknown active | ![]() |
| C147B | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 200; Max TMS Bridge Input Voltage: 40; Max DC Reverse Voltage: 12; Capacitance: 250; Package: TO-65 | not_compliant unknown active | ![]() | |
| C147C | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 300; Max TMS Bridge Input Voltage: 40; Max DC Reverse Voltage: 12; Capacitance: 250; Package: TO-65 | not_compliant unknown active | ![]() | |
| C147D | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 400; Max TMS Bridge Input Voltage: 40; Max DC Reverse Voltage: 10; Capacitance: 250; Package: TO-65 | not_compliant unknown active | ![]() | |
| C147E | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 500; Max TMS Bridge Input Voltage: 40; Max DC Reverse Voltage: 10; Capacitance: 250; Package: TO-65 | not_compliant unknown active | ![]() | |
| C147M | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 600; Max TMS Bridge Input Voltage: 40; Max DC Reverse Voltage: 10; Capacitance: 250; Package: TO-65 | not_compliant unknown active | ![]() | |
| C147N | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 800; Max TMS Bridge Input Voltage: 40; Max DC Reverse Voltage: 9; Capacitance: 250; Package: TO-65 | not_compliant unknown active | ![]() | |
| C147P | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 1000; Max TMS Bridge Input Voltage: 40; Max DC Reverse Voltage: 7; Capacitance: 250; Package: TO-65 | not_compliant unknown active | ![]() | |
| C147PA | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 1100; Max TMS Bridge Input Voltage: 40; Max DC Reverse Voltage: 6.5; Capacitance: 250; Package: TO-65 | not_compliant unknown active | ![]() | |
| C147PB | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 1200; Max TMS Bridge Input Voltage: 40; Max DC Reverse Voltage: 6; Capacitance: 250; Package: TO-65 | not_compliant unknown active | ![]() | |
| C147S | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 700; Max TMS Bridge Input Voltage: 40; Max DC Reverse Voltage: 10; Capacitance: 250; Package: TO-65 | not_compliant unknown active | ![]() | |
| C147T | ![]() | Silicon Controlled Rectifier; Max Peak Repetitive Reverse Voltage: 900; Max TMS Bridge Input Voltage: 40; Max DC Reverse Voltage: 8; Capacitance: 250; Package: TO-65 | not_compliant unknown active | ![]() |
1 |