document.write("
| C136-R2 Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "C136-R2" Totale : 19 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() New Jersey Semiconducto... | C13 | ![]() | Diode 30V 2-Pin DO-35 | unknown unknown contact_manufacturer | ![]() |
![]() TE Connectivity | C1308 | ![]() | Magnetics; C1308,*XFMR BABT EP13 SMD GW ( CoEv Magnetics ) | not_compliant no obsolete | ![]() |
| C13218-000 | ![]() | HEAT SHRINK MARKER SLEEVE | compliant unknown active | ||
| C13226-001 | ![]() | Heat Shrinks | compliant unknown active | ||
| C13242-000 | ![]() | CONN BACKSHELL ADPT SZ16 17 SLVR | unknown yes active | ![]() | |
![]() New Jersey Semiconducto... | C137A | ![]() | Thyristor SCR 1KV 360A 3-Pin TO-48 | unknown unknown active | ![]() |
| C137B | ![]() | Thyristor SCR 1KV 360A 3-Pin TO-48 | unknown unknown active | ![]() | |
| C137C | ![]() | Thyristor SCR 1KV 360A 3-Pin TO-48 | unknown unknown active | ![]() | |
| C137D | ![]() | Thyristor SCR 1KV 360A 3-Pin TO-48 | unknown unknown active | ![]() | |
| C137E | ![]() | Thyristor SCR 500V 360A 3-Pin TO-48 | unknown unknown active | ![]() | |
| C137M | ![]() | Thyristor SCR 600V 360A 3-Pin TO-48 | unknown unknown active | ![]() | |
| C137N | ![]() | Thyristor SCR 800V 360A 3-Pin TO-48 | unknown unknown active | ![]() | |
| C137P | ![]() | Thyristor SCR 1KV 360A 3-Pin TO-48 | unknown unknown active | ![]() | |
| C137PA | ![]() | Thyristor SCR 1KV 360A 3-Pin TO-48 | unknown unknown active | ![]() | |
| C137PB | ![]() | Thyristor SCR 1.2KV 360A 3-Pin TO-48 | unknown unknown active | ![]() | |
| C137PBX | ![]() | Thyristor SCR 1.2KV 360A 3-Pin TO-48 | unknown unknown contact_manufacturer | ![]() | |
| C137S | ![]() | Thyristor SCR 700V 360A 3-Pin TO-48 | unknown unknown contact_manufacturer | ![]() | |
| C137T | ![]() | Thyristor SCR 900V 360A 3-Pin TO-48 | unknown unknown contact_manufacturer | ![]() | |
![]() TE Connectivity | C13950-000 | ![]() | Connector Accessory | unknown unknown active |
1 |